データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM0805UYC データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SM0805UYC
部品情報  SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM0805UYC データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SM0805UYC Datasheet HTML 1Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 2Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 4Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/10
Page 4 of 5
Bivar reserves the right to make changes at any time without notice.
Recommended Soldering Conditions
Tape and Reel Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Note: 4000 pcs/Reel
SURFACE MOUNT LED
YELLOW, 0805 PACKAGE


同様の部品番号 - SM0805UYC

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
SM0805UYC BIVAR-SM0805UYC Datasheet
632Kb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision B 04/10
More results

同様の説明 - SM0805UYC

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
SM0805YC BIVAR-SM0805YC Datasheet
1Mb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision D 10/22
SM0805UYC BIVAR-SM0805UYC Datasheet
632Kb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision B 04/10
SM0805YCL BIVAR-SM0805YCL Datasheet
632Kb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE, 2mA
Revision B 04/10
logo
P-tec Corporation
PL0012-WDY01 P-TEC-PL0012-WDY01 Datasheet
30Kb / 1P
   SMD LED Yellow 0805 Package
logo
Bivar, Inc.
SM0805RC BIVAR-SM0805RC Datasheet
641Kb / 5P
   SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UGC BIVAR-SM0805UGC Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 08/22
SM0805URC BIVAR-SM0805URC Datasheet
640Kb / 5P
   SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UOC BIVAR-SM0805UOC Datasheet
635Kb / 5P
   SURFACE MOUNT LED ORANGE, 0805 PACKAGE
Revision A 03/09
SM0805AC BIVAR-SM0805AC Datasheet
1Mb / 5P
   SURFACE MOUNT LED AMBER, 0805 PACKAGE
Revision D 10/22
SM0805BWC BIVAR-SM0805BWC Datasheet
639Kb / 5P
   SURFACE MOUNT LED BLUE, 0805 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com