データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1204BC-B データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SM1204BC-B
部品情報  SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM1204BC-B データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SM1204BC-B Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1204BC-B Datasheet HTML 2Page - List of Unclassifed Manufacturers SM1204BC-B Datasheet HTML 3Page - List of Unclassifed Manufacturers SM1204BC-B Datasheet HTML 4Page - List of Unclassifed Manufacturers SM1204BC-B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 01/10
Page 4 of 5
Bivar reserves the right to make changes at any time without notice.
Recommended Soldering Conditions
Tape and Reel Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Note: 3000 pcs/Reel
SURFACE MOUNT LED
RED/BLUE, 1204 PACKAGE


同様の部品番号 - SM1204BC-B

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
SM1204BC-AG BIVAR-SM1204BC-AG Datasheet
576Kb / 5P
   SURFACE MOUNT LED AMBER/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
SM1204BC-RG BIVAR-SM1204BC-RG Datasheet
575Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
More results

同様の説明 - SM1204BC-B

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
   SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
SM1204URC BIVAR-SM1204URC Datasheet
514Kb / 5P
   SURFACE MOUNT LED RED, 1204 PACKAGE
Revision A 01/10
SM1204RGB BIVAR-SM1204RGB Datasheet
659Kb / 6P
   SURFACE MOUNT LED RED/GREEN/BLUE, 1204 PACKAGE
Revision A 8/21
SM1204SRC BIVAR-SM1204SRC Datasheet
517Kb / 5P
   SURFACE MOUNT LED RED, 1204 PACKAGE
Revision A 01/10
SM1204BC BIVAR-SM1204BC Datasheet
577Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
logo
List of Unclassifed Man...
SM1204BC ETC2-SM1204BC Datasheet
581Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
logo
Bivar, Inc.
SM1204BC-RG BIVAR-SM1204BC-RG Datasheet
575Kb / 5P
   SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204SBWC BIVAR-SM1204SBWC Datasheet
522Kb / 5P
   SURFACE MOUNT LED BLUE, 1204 PACKAGE
Revision A 01/10
SM1204UGC BIVAR-SM1204UGC Datasheet
513Kb / 5P
   SURFACE MOUNT LED GREEN, 1204 PACKAGE
Revision A 01/10
SM1204UYC BIVAR-SM1204UYC Datasheet
514Kb / 5P
   SURFACE MOUNT LED YELLOW, 1204 PACKAGE
Revision A 01/10
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com