データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1524A データシート(PDF) 6 Page - Gennum Corporation

部品番号 GS1524A
部品情報  GS1524A Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524A データシート(HTML) 6 Page - Gennum Corporation

Back Button GS1524A Datasheet HTML 2Page - Gennum Corporation GS1524A Datasheet HTML 3Page - Gennum Corporation GS1524A Datasheet HTML 4Page - Gennum Corporation GS1524A Datasheet HTML 5Page - Gennum Corporation GS1524A Datasheet HTML 6Page - Gennum Corporation GS1524A Datasheet HTML 7Page - Gennum Corporation GS1524A Datasheet HTML 8Page - Gennum Corporation GS1524A Datasheet HTML 9Page - Gennum Corporation GS1524A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GS1524A Data Sheet
28852 - 1
May 2005
6 of 16
CD/MUTE Input Voltage
Required to Force Outputs to
Mute
VCD/MUTE
Mute
2.0
V
CD/MUTE Input Voltage
Required to Force Outputs
Active
VCD/MUTE
Activate
0.8
V
Table 2-1: DC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
2.3 AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
GS1524A
143
1485
Mb/s
Input Voltage Swing
ΔVSDI
TA =25°C, at transmitter
720
800
950
mVp-p
Output Voltage Swing
ΔVSDO
50
Ω load, TA =25°C,
differential
750
mVp-p
Output Jitter
270Mb/s, Belden 1694A,
350m equalized cable
–0.2
UI
1
270Mb/s, Belden 8281,
280m equalized cable
–0.2
UI
1
1.485Gb/s, Belden
1694A, 140m equalized
cable
–0.25–
UI
1
1.485Gb/s, Belden 8281,
100m equalized cable
–0.25–
UI
1
Output Rise/Fall time
20% - 80%
80
220
ps
Mismatch in rise/fall time
30
ps
Duty cycle distortion
30
ps
Overshoot
10
%
Input Return Loss
15
dB
2
Input Resistance
single ended
1.64
k
Ω
Input Capacitance
single ended
1
pF
Output Resistance
single ended
50
Ω
NOTES:
1. Equalizer Pathological.
2. Tested on CB1524 board from 5MHz to 2GHz.


同様の部品番号 - GS1524A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524ACKDE3 GENNUM-GS1524ACKDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524ACTDE3 GENNUM-GS1524ACTDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

同様の説明 - GS1524A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com