データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1838 データシート(PDF) 2 Page - Analog Devices

部品番号 AD1838
部品情報  2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1838 データシート(HTML) 2 Page - Analog Devices

  AD1838_15 Datasheet HTML 1Page - Analog Devices AD1838_15 Datasheet HTML 2Page - Analog Devices AD1838_15 Datasheet HTML 3Page - Analog Devices AD1838_15 Datasheet HTML 4Page - Analog Devices AD1838_15 Datasheet HTML 5Page - Analog Devices AD1838_15 Datasheet HTML 6Page - Analog Devices AD1838_15 Datasheet HTML 7Page - Analog Devices AD1838_15 Datasheet HTML 8Page - Analog Devices AD1838_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. A
–2–
AD1838–SPECIFICATIONS
TEST CONDITIONS
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Input Clock
12.288 MHz, (256
fS Mode)
DAC Input Signal
1.0078125 kHz,
0 dBFS (Full Scale)
ADC Input Signal
1.0078125 kHz, –1 dBFS (Full Scale)
Input Sample Rate (fS)
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Performance of all channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Parameter
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
100
103
dB
A-Weighted
101
105
dB
Total Harmonic Distortion + Noise (THD+N)
–95
–88.5
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.025
dB
Analog Inputs
Differential Input Range (
± Full Scale)
–2.828
+2.828
V
Common-Mode Input Voltage
2.25
V
Input Impedance
4
k
Input Capacitance
15
pF
VREF
2.25
V
DC Accuracy
Gain Error
±5%
Gain Drift
35
ppm/ºC
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
Dynamic Range (20 Hz to 20 kHz, –60 dBFS Input)
No Filter
103
105
dB
With A-Weighted Filter
105
108
dB
Total Harmonic Distortion + Noise
–95
–90
dB
Interchannel Isolation
110
dB
DC Accuracy
Gain Error
±4%
Interchannel Gain Mismatch
0.025
dB
Gain Drift
200
ppm/
°C
Interchannel Phase Deviation
±0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
60
dB
Mute Attenuation
–100
dB
De-emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage at Each Pin (Single-Ended)
1.0 (2.8)
V rms (V p-p)
Output Resistance at Each Pin
180
Common-Mode Output Voltage
2.25
V
ADC DECIMATION FILTER, 48 kHz
*
Pass Band
20
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
24
kHz
Stop-Band Attenuation
120
dB
Group Delay
910
µs


同様の部品番号 - AD1838_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838A AD-AD1838A Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838AAS AD-AD1838AAS Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AAS-REEL AD-AD1838AAS-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ AD-AD1838AASZ Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
More results

同様の説明 - AD1838_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A Datasheet
674Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com