データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1882 データシート(PDF) 10 Page - Analog Devices

部品番号 AD1882
部品情報  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1882 データシート(HTML) 10 Page - Analog Devices

Back Button AD1882_15 Datasheet HTML 6Page - Analog Devices AD1882_15 Datasheet HTML 7Page - Analog Devices AD1882_15 Datasheet HTML 8Page - Analog Devices AD1882_15 Datasheet HTML 9Page - Analog Devices AD1882_15 Datasheet HTML 10Page - Analog Devices AD1882_15 Datasheet HTML 11Page - Analog Devices AD1882_15 Datasheet HTML 12Page - Analog Devices AD1882_15 Datasheet HTML 13Page - Analog Devices AD1882_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Rev. A
|
Page 10 of 16
|
April 2008
AD1882
POWER AND GROUND
DVI/O (3.3V)
3
I
Connect to the I/O Voltage Used for the HD Audio Controller Signals.
DVSS
4, 7
I
Digital Supply Return (Ground).
DVDD (3.3 V)
9
I
Digital Supply Voltage 3.3 V. This is regulated down to DVCORE on Pin 1 to supply the
internal digital core internal to the AD1882.
AVDD (3.3 V)
25, 38
I
CAUTION: DO NOT APPLY 5.0 V TO THESE PINS!
Analog supply voltage 3.3 V ONLY.
Note: AVDD supplies should be well regulated and filtered as supply noise degrades
audio performance.
MIC_BIAS_IN
33
I
Source Power for Microphone Bias Boost Circuitry.
AVSS
26, 42
I
Analog Supply Return (Ground). AVSS should be connected to DVSS using a
conductive trace under, or close to, the AD1882.
Table 6. AD1882 Pin Descriptions (Continued)
Mnemonic
Pin No.
Function
Description
The symbols used in this table are defined as: I = Input, O = Output, LI = Line level input, LO = Line level output, HP = Output capable of
driving headphone load, MIC = Input supports microphones with MIC bias and boost amplifier, SWAP = Outputs can swap L/R channels
(typically used to support C/LFE or shared C/LFE function).


同様の部品番号 - AD1882_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1882A AD-AD1882A Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ AD-AD1882AJCPZ Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ-RL AD-AD1882AJCPZ-RL Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
More results

同様の説明 - AD1882_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com