データシートサーチシステム |
|
AD1884 データシート(PDF) 8 Page - Analog Devices |
|
AD1884 データシート(HTML) 8 Page - Analog Devices |
8 / 16 page AD1884 ABSOLUTE MAXIMUM RATINGS Stresses greater than those listed below may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Power Supplies Min Max Units Digital (DVDD) Digital I/O (DVIO) Analog (AVDD) Input Current (Except Supply Pins) Analog Input Voltage (Signal Pins) Digital Input Voltage (Signal Pins) Ambient Temperature (Operating) Storage Temperature –0.30 –0.30 –0.30 –0.30 –0.30 0 –65 +3.65 +3.65 +3.65 ±10.0 AVDD + 0.3 DVIO + 0.3 +70 +150 V V V mA V V °C °C ESD SENSITIVITY ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can discharge without detection. Although this product features patented or proprietary circuitry, damage may occur on devices subjected to high energy ESD. Therefore, proper ESD precautions should be take to avoid performance degradation or loss of functionality. ENVIRONMENTAL CONDITIONS Ambient Temperature Rating TAMB = TCASE – (PD × θCA) TCASE = Case Temperature in °C PD = Power Dissipation in W θ CA = Thermal Resistance (Case-to-Ambient) θ JA = Thermal Resistance (Junction-to-Ambient) θ JC = Thermal Resistance (Junction-to-Case) All measurements per EIA-JESD51 with 2S2P test board per EIA-JESD51-7. Table 2. Thermal Resistance Package θ JA θ JC θ CA Unit LFCSP_VQ 47 15 32 °C/W Rev. 0 | Page 8 of 16 | January 2007 |
同様の部品番号 - AD1884_15 |
|
同様の説明 - AD1884_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |