データシートサーチシステム |
|
AD1885 データシート(PDF) 5 Page - Analog Devices |
|
AD1885 データシート(HTML) 5 Page - Analog Devices |
5 / 27 page –5– REV. 0 AD1885 TIMING PARAMETERS (GUARANTEED OVER OPERATING TEMPERATURE RANGE) Parameter Symbol Min Typ Max Unit RESET Active Low Pulsewidth tRST_LOW 1.0 µs RESET Inactive to BIT_CLK Startup Delay tRST2CLK 162.8 ns SYNC Active High Pulsewidth tSYNC_HIGH 1.3 µs SYNC Low Pulsewidth tSYNC_LOW 19.5 µs SYNC Inactive to BIT_CLK Startup Delay tSYNC2CLK 162.8 ns BIT_CLK Frequency 12.288 MHz BIT_CLK Period tCLK_PERIOD 81.4 ns BIT_CLK Output Jitter * 750 ps BIT_CLK High Pulsewidth tCLK_HIGH 32.56 42 48.84 ns BIT_CLK Low Pulsewidth tCLK_LOW 32.56 38 48.84 ns SYNC Frequency 48.0 kHz SYNC Period tSYNC_PERIOD 20.8 µs Setup to Falling Edge of BIT_CLK tSETUP 5 2.5 ns Hold from Falling Edge of BIT_CLK tHOLD 5ns BIT_CLK Rise Time tRISECLK 2410 ns BIT_CLK Fall Time tFALLCLK 2410 ns SYNC Rise Time tRISESYNC 2410 ns SYNC Fall Time tFALLSYNC 2410 ns SDATA_IN Rise Time tRISEDIN 2410 ns SDATA_IN Fall Time tFALLDIN 2410 ns SDATA_OUT Rise Time tRISEDOUT 2410 ns SDATA_OUT Fall Time tFALLDOUT 2410 ns End of Slot 2 to BIT_CLK, SDATA_IN Low tS2_PDOWN 010 ms Setup to Trailing Edge of RESET (Applies to SYNC, SDATA_OUT) tSETUP2RST 15 ns Rising Edge of RESET to HI-Z Delay tOFF 25 ns Propagation Delay 15 ns RESET Rise Time 50 ns Output Valid Delay from Rising Edge of BIT_CLK to SDI Valid 15 ns NOTES *Output jitter is directly dependent on crystal input jitter. Specifications subject to change without notice. |
同様の部品番号 - AD1885_15 |
|
同様の説明 - AD1885_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |