データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1887 データシート(PDF) 3 Page - Analog Devices

部品番号 AD1887
部品情報  AC 97 SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1887 データシート(HTML) 3 Page - Analog Devices

  AD1887_15 Datasheet HTML 1Page - Analog Devices AD1887_15 Datasheet HTML 2Page - Analog Devices AD1887_15 Datasheet HTML 3Page - Analog Devices AD1887_15 Datasheet HTML 4Page - Analog Devices AD1887_15 Datasheet HTML 5Page - Analog Devices AD1887_15 Datasheet HTML 6Page - Analog Devices AD1887_15 Datasheet HTML 7Page - Analog Devices AD1887_15 Datasheet HTML 8Page - Analog Devices AD1887_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD1887
–3–
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Unit
Resolution
16
Bits
Total Harmonic Distortion (THD)
–84
dB
Dynamic Range (–60 dB Input THD + N Referenced to Full Scale, A-Weighted)
84
87
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
85
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–100
–90
dB
LINE_IN to Other
–90
–85
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
±5mV
DIGITAL-TO-ANALOG CONVERTERS
Parameter
Min
Typ
Max
Unit
Resolution
16
Bits
Total Harmonic Distortion (THD) HP_OUT
–75
dB
Dynamic Range (–60 dB Input THD + N Referenced to Full Scale, A-Weighted)
85
90
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
–100
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk* (Input L, Zero R, Measure R_OUT; Input R, Zero L,
–80
dB
Measure L_OUT)
Total Audible Out-of-Band Energy (Measured from 0.6
× fS to 20 kHz)*
–40
dB
ANALOG OUTPUT
Parameter
Min
Typ
Max
Unit
Full-Scale Output Voltage; HP_OUT
1
V rms
2.83
V p-p
Output Impedance*
800
External Load Impedance*
32
Output Capacitance*
15
pF
External Load Capacitance
100
pF
VREF
2.05
2.25
2.45
V
VREF_OUT
2.25
V
VREF_OUT Current Drive
5mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)
±5mV
STATIC DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
High-Level Input Voltage (VIH): Digital Inputs
0.65
× DV
DD
V
Low-Level Input Voltage (VIL)
0.35
× DVDD V
High-Level Output Voltage (VOH), IOH = 2 mA
0.9
× DVDD
V
Low-Level Output Voltage (VOL), IOL = 2 mA
0.1
× DV
DD
V
Input Leakage Current
–10
+10
µA
Output Leakage Current
–10
+10
µA
POWER SUPPLY
Parameter
Min
Typ
Max
Unit
Power Supply Range—Analog (AVDD)
4.75
5.25
V
Power Supply Range—Digital (DVDD)
3.15
3.45
V
Power Dissipation—5 V/3.3 V
253
mW
Analog Supply Current—5 V (AVDD)36
mA
Digital Supply Current—3.3 V (DVDD)22
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)*
40
dB
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
*Guaranteed but not tested.


同様の部品番号 - AD1887_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1887JST AD-AD1887JST Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
More results

同様の説明 - AD1887_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com