データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1890 データシート(PDF) 3 Page - Analog Devices

部品番号 AD1890
部品情報  SamplePort Stereo Asynchronous Sample Rate Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1890 データシート(HTML) 3 Page - Analog Devices

  AD1890_15 Datasheet HTML 1Page - Analog Devices AD1890_15 Datasheet HTML 2Page - Analog Devices AD1890_15 Datasheet HTML 3Page - Analog Devices AD1890_15 Datasheet HTML 4Page - Analog Devices AD1890_15 Datasheet HTML 5Page - Analog Devices AD1890_15 Datasheet HTML 6Page - Analog Devices AD1890_15 Datasheet HTML 7Page - Analog Devices AD1890_15 Datasheet HTML 8Page - Analog Devices AD1890_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1890/AD1891
REV. 0
–3–
POWER (0
°C ≤ T
A ≤ 70°C, MCLK = 16 MHz, FSIN = 48 kHz, FSOUT = 44.1 kHz)
Min
Typ
Max
Units
Supplies
Voltage, VDD
2.7
5.5
V
Current, IDD (VDD = 5.0 V)
35
40
mA
Current, IDD (VDD = 3.0 V)
19
mA
Dissipation
Operation (VDD = 5.0 V)
175
200
mW
Operation (VDD = 3.0 V)
57
mW
TEMPERATURE RANGE
Min
Max
Units
Specifications Guaranteed
0
+70
°C
Operation Guaranteed
–40
+85
°C
Storage
–60
+100
°C
ABSOLUTE MAXIMUM RATINGS*
Min
Max
Units
VDD to GND
–0.3
7.0
V
DC Input Voltage
–0.3
VDD + 0.3
V
Latch-Up Trigger Current
–1000
+1000
mA
Soldering
+300
°C
10
sec
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DIGITAL FILTER CHARACTERISTICS†
Min
Max
Units
Passband Ripple (0 to 20 kHz)
0.01
dB
Transition Band
1
4. 1
kHz
Stopband Attenuation
110
dB
Group Delay (LRI = 50 kHz)
700
3000
µs
†Guaranteed. Not Tested
1Valid only when F
SOUT
≥ F
SIN (i.e., upsampling), FSIN = 44.1 kHz.
Specifications subject to change without notice.
ORDERING GUIDE
Model
Temperature Range
Package Description Package Option
AD1890JN
0
°C to +70°C
Plastic DIP
N-28
AD1890JP
0
°C to +70°C
PLCC
P-28A
AD1891JN
0
°C to +70°C
Plastic DIP
N-28
AD1891JP
0
°C to +70°C
PLCC
P-28A
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1890/AD1891 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.


同様の部品番号 - AD1890_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1890JN AD-AD1890JN Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890JP AD-AD1890JP Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

同様の説明 - AD1890_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com