データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1895 データシート(PDF) 3 Page - Analog Devices

部品番号 AD1895
部品情報  192 kHz Stereo Asynchronous Sample Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1895 データシート(HTML) 3 Page - Analog Devices

  AD1895_15 Datasheet HTML 1Page - Analog Devices AD1895_15 Datasheet HTML 2Page - Analog Devices AD1895_15 Datasheet HTML 3Page - Analog Devices AD1895_15 Datasheet HTML 4Page - Analog Devices AD1895_15 Datasheet HTML 5Page - Analog Devices AD1895_15 Datasheet HTML 6Page - Analog Devices AD1895_15 Datasheet HTML 7Page - Analog Devices AD1895_15 Datasheet HTML 8Page - Analog Devices AD1895_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. B
–3–
AD1895
DIGITAL TIMING (–40 C < TA < +105 C, VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
1
Min
Max
Unit
tMCLKI
MCLK_IN Period
33.3
ns
fMCLK
MCLK_IN Frequency
30.0
2, 3
MHz
tMPWH
MCLK_IN Pulsewidth High
9
ns
tMPWL
MCLK_IN Pulsewidth Low
12
ns
INPUT SERIAL PORT TIMING
tLRIS
LRCLK_I Setup to SCLK_I
8
ns
tSIH
SCLK_I Pulsewidth High
8
ns
tSIL
SCLK_I Pulsewidth Low
8
ns
tDIS
SDATA_I Setup to SCLK_I Rising Edge
8
ns
tDIH
SDATA_I Hold from SCLK_I Rising Edge
3
ns
OUTPUT SERIAL PORT TIMING
tTDMS
TDM_IN Setup to SCLK_O Falling Edge
3
ns
tTDMH
TDM_IN Hold from SCLK_O Falling Edge
3
ns
tDOPD
SDATA_O Propagation Delay from SCLK_O, LRCLK_O
20
ns
tDOH
SDATA_O Hold from SCLK_O
3
ns
tLROS
LRCLK_O Setup to SCLK_O (TDM Mode Only)
5
ns
tLROH
LRCLK_O Hold from SCLK_O (TDM Mode Only)
3
ns
tSOH
SCLK_O Pulsewidth High
10
ns
tSOL
SCLK_O Pulsewidth Low
5
ns
tRSTL
RESET Pulsewidth Low
200
ns
NOTES
1Refer to Timing Diagrams section.
2The maximum possible sample rate is: FS
MAX = fMCLK /138.
3f
MCLK of up to 34 MHz is possible under the following conditions: 0
°C < T
A < 70
°C, 45/55 or better MCLK_IN duty cycle.
Specifications subject to change without notice.
TIMING DIAGRAMS
tLRIS
tSIH
tDIS
tSIL
tDIH
tLROS
tSOH
tDOPD
tSOL
tDOH
tLROH
tTDMS
tTDMH
LRCLK_I
SCLK I
SDATA I
LRCLK O
SCLK O
SDATA O
LRCLK O
SCLK O
TDM IN
Figure 1. Input and Output Serial Port Timing (SCLK_I/O,
LRCLK_I/O, SDATA_I/O, TDM_IN)
tRSTL
MCLK IN
RESET
Figure 2.
RESET Timing
tMPWH
tMPWL
Figure 3. MCLK_IN Timing


同様の部品番号 - AD1895_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1895AYRS AD-AD1895AYRS Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895AYRSRL AD-AD1895AYRSRL Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRS AD-AD1895YRS Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRSRL AD-AD1895YRSRL Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

同様の説明 - AD1895_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com