データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5160 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5160
部品情報  256-Position SPI-Compatible Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5160 データシート(HTML) 5 Page - Analog Devices

  AD5160_15 Datasheet HTML 1Page - Analog Devices AD5160_15 Datasheet HTML 2Page - Analog Devices AD5160_15 Datasheet HTML 3Page - Analog Devices AD5160_15 Datasheet HTML 4Page - Analog Devices AD5160_15 Datasheet HTML 5Page - Analog Devices AD5160_15 Datasheet HTML 6Page - Analog Devices AD5160_15 Datasheet HTML 7Page - Analog Devices AD5160_15 Datasheet HTML 8Page - Analog Devices AD5160_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD5160
TIMING CHARACTERISTICS—ALL VERSIONS
VDD = +5V ± 10%, or +3V ± 10%; VA = VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS1, 2
Specifications apply to all parts
Clock Frequency
fCLK
25
MHz
Input Clock Pulse Width
tCH, tCL
Clock level high or low
20
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
CS Setup Time
tCSS
15
ns
CS High Pulse Width
tCSW
40
ns
CLK Fall to CS Fall Hold Time
tCSH0
0
ns
CLK Fall to CS Rise Hold Time
tCSH1
0
ns
1
See the timing diagram, Figure 38, for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a
voltage level of 1.5 V.
2
Guaranteed by design and not subject to production test.
Rev. C | Page 5 of 16


同様の部品番号 - AD5160_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5160BRJ10-R2 AD-AD5160BRJ10-R2 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ10-RL7 AD-AD5160BRJ10-RL7 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100-R2 AD-AD5160BRJ100-R2 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ100-RL7 AD-AD5160BRJ100-RL7 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
More results

同様の説明 - AD5160_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com