データシートサーチシステム |
|
7429FCT52ATPB データシート(PDF) 8 Page - Integrated Device Technology |
|
7429FCT52ATPB データシート(HTML) 8 Page - Integrated Device Technology |
8 / 8 page IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.1 8 ORDERING INFORMATION 29FCT XX Package X Process Blank B Commercial MIL-STD-883, Class B P D E L SO PY Q Plastic DIP CERDIP CERPACK Leadless Chip Carrier Small Outline IC Shrink Small Outline Package Quarter-size Small Outline Package 52AT 53AT 52BT 53BT 52CT 53CT 52DT Non-inverting Octal Registered Transceiver Inverting Octal Registered Transceiver XX Device Type 2629 drw 08 X Family Temp. Range XX Blank B Blank 20 High Drive Balanced Drive 54 74 –55 °C to +125°C 0 °C to +70°C |
同様の部品番号 - 7429FCT52ATPB |
|
同様の説明 - 7429FCT52ATPB |