データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5302 データシート(PDF) 8 Page - Analog Devices

部品番号 AD5302
部品情報  2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5302 データシート(HTML) 8 Page - Analog Devices

Back Button AD5302_15 Datasheet HTML 4Page - Analog Devices AD5302_15 Datasheet HTML 5Page - Analog Devices AD5302_15 Datasheet HTML 6Page - Analog Devices AD5302_15 Datasheet HTML 7Page - Analog Devices AD5302_15 Datasheet HTML 8Page - Analog Devices AD5302_15 Datasheet HTML 9Page - Analog Devices AD5302_15 Datasheet HTML 10Page - Analog Devices AD5302_15 Datasheet HTML 11Page - Analog Devices AD5302_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
LDAC 1
VDD 2
VREFB 3
VREFA 4
VOUTA 5
GND
10
DIN
9
SCLK
8
SYNC
7
VOUTB
6
AD5302/
AD5312/
AD5322
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LDAC
Active Low Control Input. This pin transfers the contents of the input registers to their respective DAC registers.
Pulsing LDAC low allows either or both DAC registers to be updated if the input registers have new data. This
allows simultaneous updating of both DAC outputs.
2
VDD
Power Supply Input. The parts can be operated from 2.5 V to 5.5 V, and the supply should be decoupled to GND.
3
VREFB
Reference Input Pin for DAC B. This is the reference for DAC B. It can be configured as a buffered or an
unbuffered input, depending on the BUF bit in the control word of DAC B. It has an input range of 0 V to VDD in
unbuffered mode and 1 V to VDD in buffered mode.
4
VREFA
Reference Input Pin for DAC A. This is the reference for DAC A. It can be configured as a buffered or an
unbuffered input depending on the BUF bit in the control word of DAC A. It has an input range of 0 V to VDD in
unbuffered mode and 1 V to VDD in buffered mode.
5
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
6
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
7
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it
powers on the SCLK and DIN buffers and enables the input shift register. Data is transferred in on the falling
edges of the following 16 clocks. If SYNC is taken high before the 16th falling edge, the rising edge of SYNC acts
as an interrupt and the write sequence is ignored by the device.
8
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
can be transferred at rates up to 30 MHz. The SCLK input buffer is powered down after each write cycle.
9
DIN
Serial Data Input. This device has a 16-bit input shift register. Data is clocked into the register on the falling
edge of the serial clock input. The DIN input buffer is powered down after each write cycle.
10
GND
Ground Reference Point for All Circuitry on the Part.


同様の部品番号 - AD5302_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5302 AD-AD5302_11 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
More results

同様の説明 - AD5302_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5322 AD-AD5322_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5312 AD-AD5312_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313 AD-AD5313_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5323 AD-AD5323_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5303 AD-AD5303_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302_11 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313ARUZ AD-AD5313ARUZ Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5303 AD-AD5303 Datasheet
227Kb / 18P
   2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com