データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5303 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5303
部品情報  2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5303 データシート(HTML) 4 Page - Analog Devices

  AD5303_15 Datasheet HTML 1Page - Analog Devices AD5303_15 Datasheet HTML 2Page - Analog Devices AD5303_15 Datasheet HTML 3Page - Analog Devices AD5303_15 Datasheet HTML 4Page - Analog Devices AD5303_15 Datasheet HTML 5Page - Analog Devices AD5303_15 Datasheet HTML 6Page - Analog Devices AD5303_15 Datasheet HTML 7Page - Analog Devices AD5303_15 Datasheet HTML 8Page - Analog Devices AD5303_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 4 of 28
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS5
Input Current
±1
±1
μA
0.8
0.8
V
VDD = 5 V ± 10%
0.6
0.6
V
VDD = 3 V ± 10%
Input Low Voltage, VIL
0.5
0.5
V
VDD = 2.5 V
2.4
2.4
V
VDD = 5 V ± 10%
2.1
2.1
V
VDD = 3 V ± 10%
Input High Voltage, VIH
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
2
3.5
2
3.5
pF
LOGIC OUTPUT (SDO)5
VDD = 5 V ± 10%
Output Low Voltage
0.4
0.4
V
ISINK = 2 mA
Output High Voltage
4.0
4.0
V
ISOURCE = 2 mA
VDD = 3 V ± 10%
Output Low Voltage
0.4
0.4
V
ISINK = 2 mA
Output High Voltage
2.4
2.4
V
ISOURCE = 2 mA
Floating-State Leakage Current
1
1
μA
DCEN = GND
Floating-State Output
Capacitance
3
3
pF
DCEN = GND
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD specification is valid for all DAC codes
IDD (Normal Mode)
Both DACs active and excluding load
currents
VDD = 4.5 V to 5.5 V
300
450
300
450
μA
VDD = 2.5 V to 3.6 V
230
350
230
350
μA
Both DACs in unbuffered mode;
VIH = VDD and VIL = GND; in buffered
mode, extra current is typically x μA
per DAC, where x = 5 μA + VREF/RDAC
IDD (Full Power-Down)
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
μA
VDD = 2.5 V to 3.6 V
0.05
1
0.05
1
μA
1 Temperature range for Version A, Version B: −40°C to +105°C.
2 See the Terminology section.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5303 (Code 8 to Code 248); AD5313 (Code 28 to Code 995); AD5323 (Code 115 to Code 3981).
5 Guaranteed by design and characterization, not production tested.
6 In order for the amplifier output to reach its minimum voltage, offset error must be negative. In order for the amplifier output to reach its maximum voltage, VREF = VDD
and offset plus gain error must be positive.


同様の部品番号 - AD5303_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53032JSTP AD-AD53032JSTP Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033JSTP AD-AD53033JSTP Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
More results

同様の説明 - AD5303_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5302 AD-AD5302_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322 AD-AD5322_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5312 AD-AD5312_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313 AD-AD5313_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5323 AD-AD5323_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302_11 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313ARUZ AD-AD5313ARUZ Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5303 AD-AD5303 Datasheet
227Kb / 18P
   2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28