データシートサーチシステム |
|
AD5308BRUZ-REEL7 データシート(PDF) 5 Page - Analog Devices |
|
AD5308BRUZ-REEL7 データシート(HTML) 5 Page - Analog Devices |
5 / 28 page AD5308/AD5318/AD5328 Rev. F | Page 5 of 28 A Version1 B Version1 Parameter2 Min Typ Max Min Typ Max Unit Conditions/Comments Short Circuit Current 25.0 25.0 mA VDD = 5 V 16.0 16.0 mA VDD = 3 V Power-Up Time 2.5 2.5 μs Coming out of power-down mode, VDD = 5 V 5.0 5.0 μs Coming out of power-down mode, VDD = 3 V LOGIC INPUTS6 Input Current ±1 ±1 μA VIL, Input Low Voltage 0.8 0.8 V VDD = 5 V ± 10% 0.8 0.8 V VDD = 3 V ± 10% 0.7 0.7 V VDD = 2.5 V VIH, Input High Voltage 1.7 1.7 V VDD = 2.5 V to 5.5 V, TTL and CMOS compatible Pin Capacitance 3.0 3.0 pF POWER REQUIREMENTS VDD 2.5 5.5 2.5 5.5 V IDD (Normal Mode)8 VIH = VDD and VIL = GND VDD = 4.5 V to 5.5 V 1.0 1.8 1.0 1.8 mA All DACs in unbuffered mode, in buffered mode VDD = 2.5 V to 3.6 V 0.7 1.5 0.7 1.5 mA Extra current is typically x μA per DAC; x = (5 μA + VREF/RDAC)/4 IDD (Power-Down Mode)9 VIH = VDD and VIL = GND VDD = 4.5 V to 5.5 V 0.4 1 0.4 1 μA VDD = 2.5 V to 3.6 V 0.12 1 0.12 1 μA 1 Temperature range (A, B version): −40°C to +125°C; typical at 25°C. 2 See the Terminology section. 3 DC specifications tested with the outputs unloaded unless stated otherwise. 4 Linearity is tested using a reduced code range: AD5308 (Code 8 to Code 255), AD5318 (Code 28 to Code 1023), and AD5328 (Code 115 to Code 4095). 5 This corresponds to x codes. x = deadband voltage/LSB size. 6 Guaranteed by design and characterization; not production tested. 7 For the amplifier output to reach its minimum voltage, offset error must be negative. For the amplifier output to reach its maximum voltage, VREF = VDD and offset plus gain error must be positive. 8 Interface inactive. All DACs active. DAC outputs unloaded. 9 All eight DACs powered down. VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Table 2. AC Characteristics1 A, B Version2 Parameter3 Min Typ Max Unit Conditions/Comments Output Voltage Settling Time VREF = VDD = 5 V AD5308 6 8 μs 1/4 scale to 3/4 scale change (0x40 to 0xC0) AD5318 7 9 μs 1/4 scale to 3/4 scale change (0x100 To 0x300) AD5328 8 10 μs 1/4 scale to 3/4 scale change (0x400 to 0xC00) Slew Rate 0.7 V/μs Major-Code Change Glitch Energy 12 nV-sec 1 LSB change around major carry Digital Feedthrough 0.5 nV-sec Digital Crosstalk 0.5 nV-sec Analog Crosstalk 1 nV-sec DAC-to-DAC Crosstalk 3 nV-sec Multiplying Bandwidth 200 kHz VREF = 2 V ± 0.1 V p-p, unbuffered mode Total Harmonic Distortion −70 dB VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz 1 Guaranteed by design and characterization; not production tested. 2 Temperature range (A, B version): –40°C to +125°C; typical at 25°C. 3 See the Terminology section. |
同様の部品番号 - AD5308BRUZ-REEL7 |
|
同様の説明 - AD5308BRUZ-REEL7 |