データシートサーチシステム |
|
AD5318BRUZ-REEL データシート(PDF) 7 Page - Analog Devices |
|
AD5318BRUZ-REEL データシート(HTML) 7 Page - Analog Devices |
7 / 28 page AD5308/AD5318/AD5328 Rev. F | Page 7 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise specified. Table 4. Parameter Rating1 VDD to GND −0.3 V to +7 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V Reference Input Voltage to GND −0.3 V to VDD + 0.3 V VOUTA–VOUTD to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (A, B Version) −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ MAX) 150°C 16-Lead TSSOP Power Dissipation (TJ MAX − TA)/θJA θJA Thermal Impedance 150.4°C/W Lead Temperature JEDEC industry-standard Soldering J-STD-020 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
同様の部品番号 - AD5318BRUZ-REEL |
|
同様の説明 - AD5318BRUZ-REEL |