データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5322 データシート(PDF) 11 Page - Analog Devices

部品番号 AD5322
部品情報  2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5322 データシート(HTML) 11 Page - Analog Devices

Back Button AD5322_15 Datasheet HTML 7Page - Analog Devices AD5322_15 Datasheet HTML 8Page - Analog Devices AD5322_15 Datasheet HTML 9Page - Analog Devices AD5322_15 Datasheet HTML 10Page - Analog Devices AD5322_15 Datasheet HTML 11Page - Analog Devices AD5322_15 Datasheet HTML 12Page - Analog Devices AD5322_15 Datasheet HTML 13Page - Analog Devices AD5322_15 Datasheet HTML 14Page - Analog Devices AD5322_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 11 of 24
0.75
0.25
0
–0.75
–1.00
2345
VREF(V)
–0.50
0.50
MAX INL
MAX DNL
MIN DNL
MIN INL
TA = 25°C
VDD = 5V
–0.25
1.00
Figure 12. AD5302 INL and DNL Error vs. VREF
0.75
0.25
0
–0.75
–1.00
0
40
80
120
TEMPERATURE(°C)
–0.50
0.50
–0.25
1.00
MAX DNL
VDD = 5V
VREF = 3V
–40
MIN DNL
MIN INL
MAX INL
Figure 13. AD5302 INL Error and DNL Error vs. Temperature
0.5
0
–1.0
0
40
80
120
TEMPERATURE(°C)
–0.5
1.0
–40
VDD = 5V
VREF =2V
GAIN ERROR
OFFSET ERROR
Figure 14. Offset Error and Gain Error vs. Temperature
0
100
150
200
250
300
350
400
IDD (µA)
VDD = 5V
VDD = 3V
Figure 15. IDD Histogram with VDD = 3 V and VDD = 5 V
4
1
–0
01
23
45
SINK/SOURCE CURRENT(mA)
2
3
5
6
3V SOURCE
5V SOURCE
5V SINK
3V SINK
Figure 16. Source and Sink Current Capability
600
400
300
100
0
ZERO SCALE
FULL SCALE
200
500
TA = 25°C
VDD = 5V
Figure 17. Supply Current vs. Code


同様の部品番号 - AD5322_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5322ARM AD-AD5322ARM Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322ARM-REEL7 AD-AD5322ARM-REEL7 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322ARMZ AD-AD5322ARMZ Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322ARMZ-REEL7 AD-AD5322ARMZ-REEL7 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322BRM AD-AD5322BRM Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results

同様の説明 - AD5322_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5302 AD-AD5302_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5312 AD-AD5312_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313 AD-AD5313_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5323 AD-AD5323_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5303 AD-AD5303_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302_11 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313ARUZ AD-AD5313ARUZ Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5303 AD-AD5303 Datasheet
227Kb / 18P
   2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com