データシートサーチシステム |
|
AD5326 データシート(PDF) 4 Page - Analog Devices |
|
AD5326 データシート(HTML) 4 Page - Analog Devices |
4 / 24 page AD5306/AD5316/AD5326 Rev. F | Page 4 of 24 A Version1 B Version1 Parameter2 Min Typ Max Min Typ Max Unit Conditions/Comments Short-Circuit Current 25 25 mA VDD = 5 V. 16 16 mA VDD = 3 V. Power-Up Time 2.5 2.5 μs Coming out of power- down mode; VDD = 5 V. 5 5 μs Coming out of power- down mode; VDD = 3 V. LOGIC INPUTS (Excluding SCL, SDA)6 Input Current ±1 ±1 μA VIL, Input Low Voltage 0.8 0.8 V VDD = 5 V ± 10%. 0.6 0.6 V VDD = 3 V ± 10%. 0.5 0.5 V VDD = 2.5 V. VIH, Input High Voltage 1.7 1.7 V VDD = 2.5 V to 5.5 V; TTL and 1.8 V CMOS compatible. Pin Capacitance 3 3 pF LOGIC INPUTS (SCL, SDA)6 VIH, Input High Voltage 0.7 VDD VDD + 0.3 0.7 VDD VDD + 0.3 V SMBus compatible at VDD < 3.6 V. VIL, Input Low Voltage −0.3 +0.3 VDD −0.3 +0.3 VDD V SMBus compatible at VDD < 3.6 V. IIN, Input Leakage Current ±1 ±1 μA VHYST, Input Hysteresis 0.05 VDD 0.05 VDD V See Figure 20. CIN, Input Capacitance 8 8 pF Glitch Rejection 50 50 ns Input filtering suppresses noise spikes of less than 50 ns. LOGIC OUTPUT (SDA)6 VOL, Output Low Voltage 0.4 0.4 V ISINK = 3 mA. 0.6 0.6 V ISINK = 6 mA. Three-State Leakage Current ±1 ±1 μA Three-State Output Capacitance 8 8 pF POWER REQUIREMENTS VDD 2.5 5.5 2.5 5.5 V IDD (Normal Mode)8 VIH = VDD and VIL = GND; interface inactive. VDD = 4.5 V to 5.5 V 500 900 500 900 μA All DACs in unbuffered mode. Buffered mode, extra current is typically x mA per DAC, where x = 5 μA + VREF/RDAC. VDD = 2.5 V to 3.6 V 400 750 400 750 μA IDD (Power-Down Mode) VIH = VDD and VIL = GND; interface inactive. VDD = 4.5 V to 5.5 V 0.3 1 0.3 1 μA IDD = 3 μA (max) during readback on SDA. VDD = 2.5 V to 3.6 V 0.09 1 0.09 1 μA IDD = 1.5 μA (max) during readback on SDA. 1 Temperature range (A, B versions): −40°C to +105°C; typical at +25°C. 2 See the Terminology section. 3 DC specifications tested with the outputs unloaded. 4 Linearity is tested using a reduced code range: AD5306 (Code 8 to 255); AD5316 (Code 28 to 1023); AD5326 (Code 115 to 4095). 5 This corresponds to x codes. x = deadband voltage/LSB size. 6 Guaranteed by design and characterization; not production tested. 7 For the amplifier output to reach its minimum voltage, the offset error must be negative; for the amplifier output to reach its maximum voltage, VREF = VDD, the offset plus gain error must be positive. 8 Interface inactive; all DACs active. DAC outputs unloaded. |
同様の部品番号 - AD5326_15 |
|
同様の説明 - AD5326_15 |