データシートサーチシステム |
|
7429FCT2052CTLB データシート(PDF) 6 Page - Integrated Device Technology |
|
7429FCT2052CTLB データシート(HTML) 6 Page - Integrated Device Technology |
6 / 8 page IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.1 6 SWITCHING CHARACTERISTICS OVER OPERATING RANGE 29FCT52AT/53AT 29FCT2052AT 29FCT52BT/53BT 29FCT2052BT Com'l. Mil. Com'l. Mil. Symbol Parameter Condition(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit tPLH tPHL Propagation Delay CPA, CPB to An, Bn CL = 50pF RL = 500 Ω 2.0 10.0 2.0 11.0 2.0 7.5 2.0 8.0 ns tPZH tPZL Output Enable Time OEA or OEB to An, Bn 1.5 10.5 1.5 13.0 1.5 8.0 1.5 8.5 ns tPHZ tPLZ Output Disable Time OEA or OEB to An, Bn 1.5 10.0 1.5 10.0 1.5 7.5 1.5 8.0 ns tSU Set-up Time, HIGH or LOW An, Bn to CPA, CPB 2.5 — 2.5 — 2.5 — 2.5 — ns tH Hold Time, HIGH or LOW An, Bn to CPA, CPB 2.0 — 2.0 — 1.5 — 1.5 — ns tSU Set-up Time, HIGH or LOW CEA, CEB to CPA, CPB 3.0 — 3.0 — 3.0 — 3.0 — ns tH Hold Time, HIGH or LOW CEA, CEB to CPA, CPB 2.0 — 2.0 — 2.0 — 2.0 — ns tW Clock Pulse Width HIGH or LOW(3) 3.0 — 3.0 — 3.0 — 3.0 — ns 2629 tbl 10 NOTES: 2629 tbl 11 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not tested. 29FCT52CT/53CT 29FCT2052CT 29FCT52DT Com'l. Mil. Com'l. Mil. Symbol Parameter Condition(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit tPLH tPHL Propagation Delay CPA, CPB to An, Bn CL = 50pF RL = 500 Ω 2.0 6.3 2.0 7.3 2.0 4.5 — — ns tPZH tPZL Output Enable Time OEA or OEB to An, Bn 1.5 7.0 1.5 8.0 1.5 5.6 — — ns tPHZ tPLZ Output Disable Time OEA or OEB to An, Bn 1.5 6.5 1.5 7.5 1.5 4.3 — — ns tSU Set-up Time, HIGH or LOW An, Bn to CPA, CPB 2.5 — 2.5 — 1.5 — — — ns tH Hold Time, HIGH or LOW An, Bn to CPA, CPB 1.5 — 1.5 — 1.0 — — — ns tSU Set-up Time, HIGH or LOW CEA, CEB to CPA, CPB 3.0 — 3.0 — 2.0 — — — ns tH Hold Time, HIGH or LOW CEA, CEB to CPA, CPB 2.0 — 2.0 — 1.0 — — — ns tW Clock Pulse Width HIGH or LOW(3) 3.0 — 3.0 — 3.0 — — — ns |
同様の部品番号 - 7429FCT2052CTLB |
|
同様の説明 - 7429FCT2052CTLB |