データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS3441-INE3 データシート(PDF) 5 Page - Semtech Corporation

部品番号 GS3441-INE3
部品情報  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441-INE3 データシート(HTML) 5 Page - Semtech Corporation

  GS3441-INE3 Datasheet HTML 1Page - Semtech Corporation GS3441-INE3 Datasheet HTML 2Page - Semtech Corporation GS3441-INE3 Datasheet HTML 3Page - Semtech Corporation GS3441-INE3 Datasheet HTML 4Page - Semtech Corporation GS3441-INE3 Datasheet HTML 5Page - Semtech Corporation GS3441-INE3 Datasheet HTML 6Page - Semtech Corporation GS3441-INE3 Datasheet HTML 7Page - Semtech Corporation GS3441-INE3 Datasheet HTML 8Page - Semtech Corporation GS3441-INE3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
5 of 25
Proprietary & Confidential
www.semtech.com
6, 7
AGC, AGC
Analog
External AGC capacitor connection.
8BYPASS
Not
Synchronous
Input
Core Bypass Control.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V input that is tolerant to 3.3V levels.
Forces the equalizer and DC-restore stages into Bypass mode when
HIGH. No equalization occurs in this mode.
This pin has an internal pull-down resistor.
9
SQ_ADJ
Analog
Input
Squelch Threshold Adjust.
Adjusts the input signal amplitude threshold of the carrier detect
function. The serial data output of the device can be muted when
the serial data input signal amplitude is too low by connecting the
CD and OPn_CTL pins via suitable resistor networks (see Figure 4-2
and Figure 4-3).
This pin has an internal pull-down resistor.
Note: The SQ_ADJ function is only available when the device is not
in auto-sleep mode. Reference Section 4.5 for more detail.
10
OP2_EN
Input
Output 2 Enable.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility.
When HIGH, Output 2 is operational.
When LOW, Output 2 is powered-down and the outputs are both at
VCC_O2.
This pin has an internal pull-down resistor.
11
OP2_CTL
Not
Synchronous
Input
Controls the Output Swing, De-emphasis and Mute features of the
DDO/DDO outputs for Output 2.
When this pin is connected to GND, the output swing is 850mVppd
with no de-emphasis.
With this pin connected to a 2.5V, the output is muted.
Intermediate voltages and functions are shown in Table 4-5. These
voltages can be achieved as shown in Figure 4-2 and Figure 4-3.
This pin has an internal pull-down resistor.
12
VCC_O2
Analog
Power
Most positive power supply connection for the output buffer for
output 2.
Connect to 1.2 - 3.3V DC.
13, 14
DDO2,
DDO2
Analog
Output
Serial digital differential output 2.
15
VEE_O2
Analog
Power
Most negative power supply connection for the output buffer for
output 2.
Connect to GND.
16
VEE_O1
Analog
Power
Most negative power supply connection for the output buffer for
output 1.
Connect to GND.
17, 18
DDO1,
DDO1
Analog
Output
Serial digital differential output 1.
Table 1-1: GS3441 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description


同様の部品番号 - GS3441-INE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
More results

同様の説明 - GS3441-INE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25