データシートサーチシステム |
|
GS3441-INE3 データシート(PDF) 2 Page - Semtech Corporation |
|
GS3441-INE3 データシート(HTML) 2 Page - Semtech Corporation |
2 / 25 page GS3441 Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs Final Data Sheet Rev. 1 GENDOC-056647 May 2013 2 of 25 Proprietary & Confidential www.semtech.com Description (Continued) The GS3441 also features programmable output de-emphasis with three, user-selectable operating levels to support long PCB traces at the output of the device. The device comes in a 24-pin, 4mm x 4mm QFN package and is footprint compatible with Semtech’s GS2993 equalizer. Power consumption of the GS3441 is typically 212mW when DC-coupled at 1.2V. The GS3441 is Pb-free, and the encapsulation compound does not contain halogenated flame retardant. This component and all homogeneous subcomponents are RoHS compliant. GS3441 Functional Block Diagram Equalizer Output 1 AGC SDI SLEEP DDO1 BYPASS CD SDI DDO1 AGC AGC OP1_EN SQ_ADJ Squelch Adjust Carrier Detect Mute DC Restore Output 2 DDO2 DDO2 OP2_EN VEE_O1 VEE_O2 OP2_CTL OP1_CTL VCC_O1 VCC_O2 CLI VCC_A VEE_A GAIN_SEL |
同様の部品番号 - GS3441-INE3 |
|
同様の説明 - GS3441-INE3 |