データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5370 データシート(PDF) 11 Page - Analog Devices

部品番号 AD5370
部品情報  40-Channel,16-Bit, Serial Input, Voltage Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5370 データシート(HTML) 11 Page - Analog Devices

Back Button AD5370_15 Datasheet HTML 7Page - Analog Devices AD5370_15 Datasheet HTML 8Page - Analog Devices AD5370_15 Datasheet HTML 9Page - Analog Devices AD5370_15 Datasheet HTML 10Page - Analog Devices AD5370_15 Datasheet HTML 11Page - Analog Devices AD5370_15 Datasheet HTML 12Page - Analog Devices AD5370_15 Datasheet HTML 13Page - Analog Devices AD5370_15 Datasheet HTML 14Page - Analog Devices AD5370_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD5370
Rev. 0 | Page 10 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET
BUSY
VOUT27
SIGGND3
VOUT28
VOUT29
VOUT30
VOUT31
VOUT32
VOUT33
VOUT34
VOUT35
SIGGND4
VOUT36
VOUT37
VDD
VOUT5
VOUT4
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
VREF0
VOUT23
VOUT22
VOUT21
VOUT20
VSS
VDD
SIGGND2
VOUT19
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD5370
TOP VIEW
(Not to Scale)
VOUT5
VOUT4
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
VREF0
VOUT23
VOUT22
VOUT21
VOUT20
VSS
VDD
SIGGND2
VOUT19
VOUT27
SIGGND3
VOUT28
VOUT29
VOUT30
VOUT31
VOUT32
VOUT33
VOUT34
VOUT35
SIGGND4
VOUT36
VOUT37
VDD
RESET
BUSY
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
47
46
45
42
43
44
48
41
40
39
37
36
35
34
33
38
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
11
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
AD5370
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 6. 64-Lead LFCSP Pin Configuration
Figure 7. 64-Lead LQFP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Digital Reset Input.
2
BUSY
BUSY Input/Output (Active Low). BUSY is open-drain when an output. See the BUSY and
LDAC Functions section for more information.
3, 5 to 12, 14, 15, 19 to
24, 26 to 33, 37 to 40, 42
to 45, 47 to 50, 60 to 62
VOUT0 to VOUT39
DAC Outputs. Buffered analog outputs for each of the 40 DAC channels. Each analog
output is capable of driving an output load of 10 kΩ to ground. Typical output impedance
of these amplifiers is 0.5 Ω.
46
SIGGND0
Reference Ground for DAC 0 to DAC 7. VOUT0 to VOUT7 are referenced to this voltage.
25
SIGGND1
Reference Ground for DAC 8 to DAC 15. VOUT8 to VOUT15 are referenced to this voltage.
34
SIGGND2
Reference Ground for DAC 16 to DAC 23. VOUT16 to VOUT23 are referenced to this voltage.
4
SIGGND3
Reference Ground for DAC 24 and DAC 31. VOUT24 to VOUT31 are referenced to this voltage.
13
SIGGND4
Reference Ground for DAC 32 to DAC 39. VOUT32 to VOUT39 are referenced to this voltage.
41
VREF0
Reference Input for DAC 0 to DAC 7. This reference voltage is referred to AGND.
18
VREF1
Reference Input for DAC 8 to DAC 39. This reference voltage is referred to AGND.


同様の部品番号 - AD5370_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5370BSTZ AD-AD5370BSTZ Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
More results

同様の説明 - AD5370_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com