データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5443 データシート(PDF) 10 Page - Analog Devices

部品番号 AD5443
部品情報  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5443 データシート(HTML) 10 Page - Analog Devices

Back Button AD5443_15 Datasheet HTML 6Page - Analog Devices AD5443_15 Datasheet HTML 7Page - Analog Devices AD5443_15 Datasheet HTML 8Page - Analog Devices AD5443_15 Datasheet HTML 9Page - Analog Devices AD5443_15 Datasheet HTML 10Page - Analog Devices AD5443_15 Datasheet HTML 11Page - Analog Devices AD5443_15 Datasheet HTML 12Page - Analog Devices AD5443_15 Datasheet HTML 13Page - Analog Devices AD5443_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD5426/AD5432/AD5443
Rev. G | Page 9 of 24
REFERENCE VOLTAGE
10
2
3
4
5
6
7
8
9
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
MAX INL
MIN INL
TA = 25°C
VDD = 5V
AD5443
Figure 12. INL vs. Reference Voltage
REFERENCE VOLTAGE
10
2
3
4
5
6
7
8
9
–0.40
–0.45
–0.55
–0.50
–0.60
–0.65
–0.70
MIN DNL
TA = 25°C
VDD = 5V
AD5443
Figure 13. DNL vs. Reference Voltage
TEMPERATURE (°C)
140
–60
–40
–20
0
20
40
60
80
100
120
5
4
3
2
1
0
–1
–2
–3
–4
–5
VDD = 5V
VDD = 3V
VREF = 10V
Figure 14. Gain Error vs. Temperature
VBIAS (V)
1.5
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TA = 25°C
VREF = 0V
VDD = 3V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
Figure 15. Linearity vs. VBIAS Voltage Applied to IOUT2
VBIAS (V)
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
4
2
1
3
0
–1
–2
–3
–4
–5
TA = 25°C
VREF = 2.5V
VDD = 3V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
Figure 16. Linearity vs. VBIAS Voltage Applied to IOUT2
VBIAS (V)
1.5
0.5
0.6
0.7
0.8
1.0
1.1
0.9
1.2
1.3
1.4
0.5
0.3
0.4
0.1
0.2
–0.1
–0.2
0
–0.3
–0.4
–0.5
OFFSET ERROR
GAIN ERROR
TA = 25°C
VREF = 0V
VDD = 3V AND 5V
Figure 17. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2


同様の部品番号 - AD5443_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5443BRM AD-AD5443BRM Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5443YRM AD-AD5443YRM Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5443YRM AD-AD5443YRM Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443YRM-REEL AD-AD5443YRM-REEL Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5443YRM-REEL AD-AD5443YRM-REEL Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

同様の説明 - AD5443_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com