データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5453YUJZ-REEL データシート(PDF) 3 Page - Analog Devices

部品番号 AD5453YUJZ-REEL
部品情報  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5453YUJZ-REEL データシート(HTML) 3 Page - Analog Devices

  AD5453YUJZ-REEL Datasheet HTML 1Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 2Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 3Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 4Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 5Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 6Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 7Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 8Page - Analog Devices AD5453YUJZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 3 of 28
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise
noted. DC performance measured with OP177 and ac performance measured with AD8038, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
AD5450
Resolution
8
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
Total Unadjusted Error
±0.5
LSB
Gain Error
±0.25
LSB
AD5451
Resolution
10
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
Total Unadjusted Error
±0.5
LSB
Gain Error
±0.25
LSB
AD5452
Resolution
12
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Total Unadjusted Error
±1
LSB
Gain Error
±0.5
LSB
AD5453
Resolution
14
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Total Unadjusted Error
±4
LSB
Gain Error
±2.5
LSB
Gain Error Temperature Coefficient1
±2
ppm FSR/°C
Output Leakage Current
±1
nA
Data = 0x0000, TA = 25°C, IOUT1
±10
nA
Data = 0x0000, TA = −40°C to +125°C, IOUT1
REFERENCE INPUT1
Reference Input Range
±10
V
VREF Input Resistance
7
9
11
kΩ
Input resistance, TC = −50 ppm/°C
RFB Feedback Resistance
7
9
11
kΩ
Input resistance, TC = −50 ppm/°C
Input Capacitance
Zero-Scale Code
18
22
pF
Full-Scale Code
18
22
pF
DIGITAL INPUTS/OUTPUTS1
Input High Voltage, VIH
2.0
V
VDD = 3.6 V to 5 V
1.7
V
VDD = 2.5 V to 3.6 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5 V, ISOURCE = 200 µA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5 V, ISINK = 200 µA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 µA
Input Leakage Current, IIL
±1
nA
TA = 25°C
±10
nA
TA = −40°C to +125°C
Input Capacitance
10
pF


同様の部品番号 - AD5453YUJZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5453YUJZ-REEL AD-AD5453YUJZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YUJZ-REEL7 AD-AD5453YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

同様の説明 - AD5453YUJZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com