データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP025F473Z-A-BJ データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 TP025F473Z-A-BJ
部品情報  Axial Leaded Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TP025F473Z-A-BJ データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  TP025F473Z-A-BJ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Axial Leaded Ceramic Capacitors
TP025F473Z-A-BJ
Features
Item Summary
25V, 0.047μF, -20% to 80%, Axial
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 5000pcs
Products characteristics table
External Dimensions (EIA/JIS)
Axial/Axial
Rated Voltage (max)
25V
Capacitance
0.047μF
Capacitance Tolerance
-20% to 80%
Resistance
1,000 MΩ min.
Dielectric Loss Tangent
7.5%MAX
Temperature Characteristics (EIA/JIS)
-/F
Temperature Range (EIA/JIS)
-/-25 to +85℃
Capacitance Change (EIA/JIS)
-/-80,+30%
RoHS Compliance
Yes
Soldering Method
Wave
External Dimensions
L
2.3mm -
D
2.0mm max
2015.02.10
1 / 1


同様の部品番号 - TP025F473Z-A-BJ

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
TP025F103Z-A-BJ TAIYO-YUDEN-TP025F103Z-A-BJ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
TP025F223Z-A-BJ TAIYO-YUDEN-TP025F223Z-A-BJ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
More results

同様の説明 - TP025F473Z-A-BJ

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH390J-A-BZ TAIYO-YUDEN-UP025CH390J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com