データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP87C51FC-20 データシート(PDF) 10 Page - Intel Corporation

部品番号 TP87C51FC-20
部品情報  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C51FC-20 データシート(HTML) 10 Page - Intel Corporation

Back Button TP87C51FC-20 Datasheet HTML 6Page - Intel Corporation TP87C51FC-20 Datasheet HTML 7Page - Intel Corporation TP87C51FC-20 Datasheet HTML 8Page - Intel Corporation TP87C51FC-20 Datasheet HTML 9Page - Intel Corporation TP87C51FC-20 Datasheet HTML 10Page - Intel Corporation TP87C51FC-20 Datasheet HTML 11Page - Intel Corporation TP87C51FC-20 Datasheet HTML 12Page - Intel Corporation TP87C51FC-20 Datasheet HTML 13Page - Intel Corporation TP87C51FC-20 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first char-
acter is always a ‘T’ (stands for time) The other
characters depending on their positions stand for
the name of a signal or the logical status of that
signal The following is a list of all the characters and
what they stand for
A Address
C Clock
D Input Data
H Logic level HIGH
I Instruction (program memory contents)
L Logic level LOW or ALE
P PSEN
Q Output Data
R RD signal
T Time
V Valid
W WR signal
X No longer a valid logic level
Z Float
For example
TAVLL e Time from Address Valid to ALE Low
TLLPL e Time from ALE Low to PSEN Low
AC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g 20% VSS e 0V Load Capacitance
for Port 0 ALEPROG and PSEN e 100 pF Load Capacitance for All Other Outputs e 80 pF)
ADVANCED INFORMATIONCONTACT INTEL FOR DESIGN-IN INFORMATION
EXTERNAL PROGRAM MEMORY CHARACTERISTICS
Symbol
Parameter
12 MHz
Variable Oscillator
Units
Oscillator
Min
Max
87C51FAFBFC 87C51FC-20
Min
Max
1TCLCL
Oscillator Frequency
35
1620
MHz
TLHLL
ALE Pulse Width
127
2TCLCL b 40
ns
TAVLL
Address Valid to ALE Low
43
TCLCL b 40
ns
TLLAX
Address Hold After ALE Low
53
TCLCL b 30
ns
TLLIV
ALE Low to Valid
234
4TCLCL b 100
ns
Instruction In
4TCLCL b 75
TLLPL
ALE Low to PSEN Low
53
TCLCL b 30
ns
TPLPH
PSEN Pulse Width
205
3TCLCL b 45
ns
TPLIV
PSEN Low to Valid
145
3TCLCL b 105
ns
Instruction In
3TCLCL b 90
TPXIX
Input Inst Hold After
0
0
ns
PSEN Trans
TPXIZ
Input Inst Float After
59
TCLCL b 25
ns
PSEN Trans
TCLCL b 20
TAVIV
Address Valid to Valid
312
5TCLCL b 105
ns
Instruction In
TPLAZ
PSEN Low to Address
10
10
ns
Float
TRLRH
RD Pulse Width
400
6TCLCL b 100
ns
TWLWH
WR Pulse Width
400
6TCLCL b 100
ns
10


同様の部品番号 - TP87C51FC-20

メーカー部品番号データシート部品情報
logo
Rochester Electronics
TP87C51FA ROCHESTER-TP87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
More results

同様の説明 - TP87C51FC-20

メーカー部品番号データシート部品情報
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com