データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7429FCT52BTQB データシート(PDF) 5 Page - Integrated Device Technology

部品番号 7429FCT52BTQB
部品情報  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT52BTQB データシート(HTML) 5 Page - Integrated Device Technology

  7429FCT52BTQB Datasheet HTML 1Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 2Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 3Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 4Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 5Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 6Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 7Page - Integrated Device Technology 7429FCT52BTQB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.1
5
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
2.0
mA
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
Outputs Open
OEA or OEB = GND
VIN = VCC
VIN = GND
FCTxxxT
0.15
0.25
mA/
MHz
One Input Toggling
50% Duty Cycle
FCT2xxxT
0.06
0.12
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
VIN = VCC
VIN = GND
FCTxxxT
1.5
3.5
mA
fCP = 10MHz
50% Duty Cycle
FCT2xxxT
0.6
2.2
OEA or OEB = GND
VIN = 3.4V
FCTxxxT
2.0
5.5
One Bit Toggling
at fi = 5MHz
50% Duty Cycle
VIN = GND FCT2xxxT
1.1
4.2
VCC = Max.
Outputs Open
VIN = VCC
VIN = GND
FCTxxxT
3.8
7.3(5)
fCP = 10MHz
50% Duty Cycle
FCT2xxxT
1.5
4.0(5)
OEA or OEB = GND
VIN = 3.4V
FCTxxxT
6.0
16.3(5)
Eight Bits Toggling
at fi = 2.5MHz
50% Duty Cycle
VIN = GND FCT2xxxT
3.8
13.0(5)
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
2629 tbl 09


同様の部品番号 - 7429FCT52BTQB

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
7429FCT520ATD IDT-7429FCT520ATD Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATDB IDT-7429FCT520ATDB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATE IDT-7429FCT520ATE Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATEB IDT-7429FCT520ATEB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATL IDT-7429FCT520ATL Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

同様の説明 - 7429FCT52BTQB

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com