データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5583 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5583
部品情報  Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5583 データシート(HTML) 7 Page - Analog Devices

Back Button AD5583_15 Datasheet HTML 3Page - Analog Devices AD5583_15 Datasheet HTML 4Page - Analog Devices AD5583_15 Datasheet HTML 5Page - Analog Devices AD5583_15 Datasheet HTML 6Page - Analog Devices AD5583_15 Datasheet HTML 7Page - Analog Devices AD5583_15 Datasheet HTML 8Page - Analog Devices AD5583_15 Datasheet HTML 9Page - Analog Devices AD5583_15 Datasheet HTML 10Page - Analog Devices AD5583_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. A
AD5582/AD5583
–7–
AD5582 PIN CONFIGURATION
1
AD5582
AGND1
48
TOP VIEW
(Not to Scale)
AGND2
2
VOB
47
VOC
3
VDD1
46
VDD2
4
VSS1
45
VSS2
5
VOA
44
VOD
6
NC
43
NC
7
VREFLB
42
VREFLC
8
VREFHB
41
VREFHC
9
VREFHA
40
VREFHD
10
VREFLA
39
VREFLD
11
R1
38
VDD3
12
RCT
37
VSS3
13
R2
36
DGND3
14
DVDD
35
R/
W
15
LDAC
34
CS
16
RS
33
A1
17
MSB
32
A0
18
DB0
31
DB11
19
DB1
30
DB10
20
DB2
29
DB9
21
DB3
28
DB8
22
DGND1
27
DGND2
23
DB4
26
DB7
24
DB5
25
DB6
NC = NO CONNECT
AD5582 PIN FUNCTION DESCRIPTIONS
*
Pin
No. Mnemonic Description
1
AGND1
Analog Ground for DAC A and B
2
VOB
DAC B Output
3VDD1
Positive Power Supply for DAC A and B
4VSS1
Negative Power Supply for DAC A and B
5
VOA
DAC A Output
6NCNo Connect
7VREFLB
DAC B Voltage Reference Low Terminal
8VREFHB
DAC B Voltage Reference High Terminal
9VREFHA
DAC A Voltage Reference High Terminal
10
VREFLA
DAC A Voltage Reference Low Terminal
11
R1
R1 Terminal (for Negative Reference)
12
RCT
Center Tap Terminal (for Negative Reference)
13
R2
R2 Terminal (for Negative Reference)
14
DVDD
Power Supply for Digital Circuits
15
LDAC
DAC Register Load, Active Low Level Sensitive
16
RS
Reset Strobe
17
MSB
MSB = 0, Reset to 000H.
MSB = 1, Reset to 800H.
18
DB0
Data Bit 0
19
DB1
Data Bit 1
20
DB2
Data Bit 2
21
DB3
Data Bit 3
22
DGND1
Digital Ground 1
23
DB4
Data Bit 4
24
DB5
Data Bit 5
Pin
No. Mnemonic Description
25
DB6
Data Bit 6
26
DB7
Data Bit 7
27
DGND2
Digital Ground 2
28
DB8
Data Bit 8
29
DB9
Data Bit 9
30
DB10
Data Bit 10
31
DB11
Data Bit 11
32
A0
Address Input 0
33
A1
Address Input 1
34
CS
Chip Select, Active Low
35
R/
W
Read/Write Mode Select
36
DGND3
Digital Ground 3
37
VSS3
Negative Power Supply for Analog Switches
38
VDD3
Positive Power Supply for Analog Switches
39
VREFLD
DAC D Voltage Reference Low Terminal
40
VREFHD
DAC D Voltage Reference High Terminal
41
VREFHC
DAC C Voltage Reference High Terminal
42
VREFLC
DAC C Voltage Reference Low Terminal
43
NC
No Connect
44
VOD
DAC D Output
45
VSS2
Negative Power Supply for DAC C and D
46
VDD2
Positive Power Supply for DAC C and D
47
VOC
DAC C Output
48
AGND2
Analog Ground for DAC C and D
*AD5582 optimizes internal layout design to reduce die area so that all supply voltage pins are required to be connected externally. See Figure 5.


同様の部品番号 - AD5583_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5583YRU-REEL7 AD-AD5583YRU-REEL7 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
More results

同様の説明 - AD5583_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5582 AD-AD5582_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531 AD-AD5531_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com