データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5583 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5583
部品情報  Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5583 データシート(HTML) 1 Page - Analog Devices

  AD5583_15 Datasheet HTML 1Page - Analog Devices AD5583_15 Datasheet HTML 2Page - Analog Devices AD5583_15 Datasheet HTML 3Page - Analog Devices AD5583_15 Datasheet HTML 4Page - Analog Devices AD5583_15 Datasheet HTML 5Page - Analog Devices AD5583_15 Datasheet HTML 6Page - Analog Devices AD5583_15 Datasheet HTML 7Page - Analog Devices AD5583_15 Datasheet HTML 8Page - Analog Devices AD5583_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
a
AD5582/AD5583
Quad, Parallel Input, Voltage Output,
12-/10-Bit Digital-to-Analog Converters
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
12-Bit Linearity and Monotonic AD5582
10-Bit Linearity and Monotonic AD5583
Wide Operating Range: Single 5 V to 15 V or
Dual
5 V Supply
Unipolar or Bipolar Operation
Double Buffered Registers Enable Independent or
Simultaneous Multichannel Update
4 Independent Rail-to-Rail Reference Inputs
20 mA High Current Output Drive
Parallel Interface
Data Readback Capability
5
s Settling Time
Built-In Matching Resistor Simplifies
Negative Reference
Unconditionally Stable Under Any Capacitive Loading
Compact Footprint: TSSOP-48
Extended Temperature Range:
40 C to
125 C
APPLICATIONS
Process Control Equipment
Closed-Loop Servo Control
Data Acquisition Systems
Digitally Controlled Calibration
Optical Network Control Loops
4 m to 20 mA Current Transmitter
GENERAL DESCRIPTION
The AD5582/AD5583 family of quad, 12-/10-bit, voltage output
digital-to-analog converters is designed to operate from a single
5 V to 15 V or dual
±5 V supply. It offers the user ease of use in
single- or dual-supply systems. Built using an advance BiCMOS
process, this high performance DAC is dynamically stable, capable
of high current drive, and in small form factor.
The applied external reference VREF determines the full-scale out-
put voltage ranges from VSS to VDD, resulting in a wide selection
of full-scale outputs. For multiplying and wide dynamic appli-
cations, ac reference inputs can be as high as |VDD – VSS|. Two
built-in precision trimmed resistors are available and can be
configured easily to provide four-quadrant multiplications.
A doubled-buffered parallel interface offers a fast settling time.
A common level sensitive load DAC strobe (
LDAC) input allows
additional simultaneous update of all DAC outputs. An external
asynchronous reset (
RS) forces all registers to the zero code state
when the MSB = 0 or to midscale when the MSB = 1.
Both parts are offered in the same pinout and package to allow
users to select the appropriate resolution for a given application
without PCB layout changes.
The AD5582 is well suited for DAC8412 replacement in medium
voltage applications in new designs, as well as any other general
purpose multichannel 10- to 12-bit applications.
The AD5582/AD5583 are specified over the extended industrial
(–40
∞C to +125∞C) temperature range and offered in a thin and
compact 1.1 mm TSSOP-48 package.
AD5582 FUNCTIONAL BLOCK DIAGRAM
44
VOD
+
33
A1
32
A0
31
DB11
30
DB10
29
DB9
28
DB8
26
DB7
25
DB6
24
DB5
23
DB4
21
DB3
20
DB2
19
DB1
18
DB0
34
CS
35
R/
W
14
DVDD
17
MSB
16
RS
15
LDAC
I
N
T
E
R
F
A
C
E
OE
CONTROL
LOGIC
22
DGND1
27
DGND2
36
DGND3
40
VREFHD
39
VREFLD
41
VREFHC
42
VREFLC
45
VSS2
46
VDD2
DO
IN
REG
DI
47
VOC
3
VDD1
4
VSS1
5
VOA
2
VOB
11
R1
12
RCT
13
R2
20k
20k
1
AGND1
48
AGND2
DAC
REG
ADDR
DECODE
38
VDD3
37
VSS3
4
4
AD5582
10
VREFLA
9
VREFHA
7
VREFLB
8
VREFHB
ADR421
REF
DAC A
2.5V
DAC B
2.5V
DAC C
2.5V
DAC D
2.5V
AD5582/AD5583
VREFHA
VREFHB
VREFHC
VREFHD
VREFLA
VREFLB
VREFLC
VREFLD
2.5V
R1
R2
+
2.5V
RCT
DIGITAL CIRCUITRY OMITTED FOR CLARITY
Figure 1. Using Built-In Matching Resistors
to Generate a Negative Voltage Reference


同様の部品番号 - AD5583_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5583YRU-REEL7 AD-AD5583YRU-REEL7 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
More results

同様の説明 - AD5583_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5582 AD-AD5582_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531 AD-AD5531_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com