データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5625R データシート(PDF) 7 Page - Analog Devices

部品番号 AD5625R
部品情報  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5625R データシート(HTML) 7 Page - Analog Devices

Back Button AD5625R_15 Datasheet HTML 3Page - Analog Devices AD5625R_15 Datasheet HTML 4Page - Analog Devices AD5625R_15 Datasheet HTML 5Page - Analog Devices AD5625R_15 Datasheet HTML 6Page - Analog Devices AD5625R_15 Datasheet HTML 7Page - Analog Devices AD5625R_15 Datasheet HTML 8Page - Analog Devices AD5625R_15 Datasheet HTML 9Page - Analog Devices AD5625R_15 Datasheet HTML 10Page - Analog Devices AD5625R_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 7 of 36
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1,2
Min
Typ
Max
Unit
Test Conditions/Comments3
Output Voltage Settling Time
AD5625R/AD5625
3
4.5
µs
¼ to ¾ scale settling to ±0.5 LSB
AD5645R
3.5
5
µs
¼ to ¾ scale settling to ±0.5 LSB
AD5665R/AD5665
4
7
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
1.8
V/µs
Digital-to-Analog Glitch Impulse
1 LSB change around major carry
15
nV-s
LFCSP
5
nV-s
TSSOP
Digital Feedthrough
0.1
nV-s
Reference Feedthrough
−90
dB
VREF = 2 V ± 0.1 V p-p, frequency 10 Hz to 20 MHz
Digital Crosstalk
0.1
nV-s
Analog Crosstalk
1
nV-s
External reference
4
nV-s
Internal reference
DAC-to-DAC Crosstalk
1
nV-s
External reference
4
nV-s
Internal reference
Multiplying Bandwidth
340
kHz
VREF = 2 V ± 0.1 V p-p
Total Harmonic Distortion
−80
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code = midscale, 1 kHz
100
nV/√Hz
DAC code = midscale, 10 kHz
Output Noise
15
µV p-p
0.1 Hz to 10 Hz
1
Guaranteed by design and characterization; not production tested.
2
See the Terminology section.
3
Temperature range is −40°C to +105°C, typical @ 25°C.


同様の部品番号 - AD5625R_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
More results

同様の説明 - AD5625R_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com