データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7151 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7151
部品情報  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7151 データシート(HTML) 10 Page - Analog Devices

Back Button AD7151_15 Datasheet HTML 6Page - Analog Devices AD7151_15 Datasheet HTML 7Page - Analog Devices AD7151_15 Datasheet HTML 8Page - Analog Devices AD7151_15 Datasheet HTML 9Page - Analog Devices AD7151_15 Datasheet HTML 10Page - Analog Devices AD7151_15 Datasheet HTML 11Page - Analog Devices AD7151_15 Datasheet HTML 12Page - Analog Devices AD7151_15 Datasheet HTML 13Page - Analog Devices AD7151_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7151
Rev. 0 | Page 10 of 28
ARCHITECTURE AND MAIN FEATURES
DIGITAL
FILTER
POWER-DOWN
TIMER
CLOCK
GENERATOR
SERIAL
INTERFACE
POWER SUPPLY
MONITOR
CIN
CX
EXC
Σ-Δ CDC
EXCITATION
CAPDAC
THRESHOLD
SCL
VDD
GND
AD7151
SDA
PROGRAMMING
INTERFACE
DIGITAL
OUTPUT
OUT
3.3V
Figure 20. AD7151 Block Diagram
The AD7151 core is a high performance capacitance-to-digital
converter (CDC) that allows the part to be interfaced directly to
a capacitive sensor.
The comparator compares the CDC result with thresholds, either
fixed or dynamically adjusted by the on-chip adaptive threshold
algorithm engine. Thus, the output indicates a defined change in
the input sensor capacitance.
The AD7151 also integrates an excitation source and CAPDAC
for the capacitive inputs, an input multiplexer, a complete clock
generator, a power-down timer, a power supply monitor, control
logic, and an I2C®-compatible serial interface for configuring the
part and accessing the internal CDC data and status, if required
in the system (see Figure 20).
CAPACITANCE-TO-DIGITAL CONVERTER
Figure 21 shows the CDC simplified functional diagram. The
converter consists of a second-order sigma delta (Σ-Δ), charge
balancing modulator and a third-order digital filter. The
measured capacitance CX is connected between an excitation
source and the Σ-Δ modulator input. The excitation signal is
applied on the CX during the conversion, and the modulator
continuously samples the charge going through the CX. The
digital filter processes the modulator output, which is a stream
of 0s and 1s containing the information in 0 and 1 density. The
data is processed by the adaptive threshold engine and output
comparators; the data can be also read through the serial interface.
The AD7151 is designed for floating capacitive sensors.
Therefore, both CX plates have to be isolated from ground or
any other fixed potential node in the system.
The AD7151 features slew rate limiting on the excitation voltage
output, which decreases the energy of higher harmonics on the
excitation signal and dramatically improves the system
electromagnetic compatibility (EMC).
DIGITAL
FILTER
0x000 TO 0xFFF
DATA
CLOCK
GENERATOR
CAPACITANCE TO DIGITAL CONVERTER
(CDC)
CIN
CX
0pF TO 4pF
EXC
EXCITATION
Σ-Δ
MODULATOR
Figure 21. CDC Simplified Block Diagram
CAPDAC
The AD7151 CDC core maximum full-scale input range is 4 pF.
However, the part can accept a higher capacitance on the input,
and the offset (nonchanging component) capacitance of up to 10
pF can be balanced by a programmable on-chip CAPDAC.
0x000 TO 0xFFF
DATA
CIN
EXC
CAPDAC
10pF
0pF TO 4pF
CDC
CSENS
10pF TO 14pF
Figure 22. Using CAPDAC
The CAPDAC can be understood as a negative capacitance
connected internally to the CIN pin. The CAPDAC has a 6-bit
resolution and a monotonic transfer function. Figure 22 shows
how to use the CAPDAC to shift the CDC 4 pF input range to
measure capacitance between 10 pF and 14 pF.


同様の部品番号 - AD7151_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
More results

同様の説明 - AD7151_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3521P LEIDITECH-RCLAMP3521P Datasheet
431Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com