データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7233 データシート(PDF) 4 Page - Analog Devices

部品番号 AD7233
部品情報  LC MOS 12-Bit Serial Mini-DIP DACPORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7233 データシート(HTML) 4 Page - Analog Devices

  AD7233_15 Datasheet HTML 1Page - Analog Devices AD7233_15 Datasheet HTML 2Page - Analog Devices AD7233_15 Datasheet HTML 3Page - Analog Devices AD7233_15 Datasheet HTML 4Page - Analog Devices AD7233_15 Datasheet HTML 5Page - Analog Devices AD7233_15 Datasheet HTML 6Page - Analog Devices AD7233_15 Datasheet HTML 7Page - Analog Devices AD7233_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7233
REV. B
–4–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1VDD
Positive Supply (12 V to 15 V).
2
SCLK
Serial Clock, Logic Input. Data is clocked into the input register on each falling SCLK edge.
3
SDIN
Serial Data In, Logic Input. The 16-bit serial data word is applied to this input.
4
SYNC
Data Synchronization Pulse, Logic Input. Taking this input low initializes the internal logic in
readiness for a new data word.
5
LDAC
Load DAC, Logic Input. Updates the DAC output. The DAC output is updated on the falling edge of
this signal, or alternatively if this line in permanently low, an automatic update mode is selected whereby
the DAC is updated on the 16th falling SCLK pulse.
6
GND
Ground Pin = 0 V.
7VOUT
Analog Output Voltage. This is the buffered DAC output voltage (–5 V to +5 V).
8VSS
Negative Supply (–12 V to –15 V).
DIGITAL INTERFACE
The AD7233 contains an input serial to parallel shift register
and a DAC latch. A simplified diagram of the input loading cir-
cuitry is shown in Figure 2. Serial data on the SDIN input is
loaded to the input register under control of
SYNC and SCLK.
When a complete word is held in the shift register it may then be
loaded into the DAC latch under control of
LDAC. Only the
data in the DAC latch determines the analog output on the
AD7233.
A low
SYNC input provides the frame synchronization signal
which tells the AD7233 that valid serial data on the SDIN input
will be available for the next 16 falling edges of SCLK. An inter-
nal counter/decoder circuit provides a low gating signal so that
only 16 data bits are clocked into the input shift register. After
16 SCLK pulses the internal gating signal goes inactive (high)
thus locking out any further clock pulses. Therefore, either a
continuous clock or a burst clock source may be used to clock in
the data.
The
SYNC input should be taken high after the complete 16-bit
word is loaded in.
Although 16 bits of data are clocked into the input register, only
the latter 12 bits get transferred into the DAC latch. The first 4
bits in the 16-bit stream are don’t cares since their value does
not affect the DAC latch data. Therefore the data format is 4
don’t cares followed by the 12-bit data word with the LSB as the
last bit in the serial stream.
CIRCUIT INFORMATION
D/A Section
The AD7233 contains a 12-bit voltage-mode D/A converter
consisting of highly stable thin-film resistors and high-speed
NMOS single-pole, double-throw switches.
Op Amp Section
The output of the voltage-mode D/A converter is buffered by a
noninverting CMOS amplifier. The buffer amplifier is capable
of developing
±5 V across a 2 kΩ load to GND.
VOUT
2R
2R
2R
DB11
2R
DB10
R
DB9
2R
R
R
2R
DB1
DB0
2R
R
R
2R
INTERNAL
REFERENCE
5V
GND
Figure 1. Simplified D/A Converter
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VDD
SCLK
SDIN
VSS
VOUT
GND
LDAC
SYNC
AD7233


同様の部品番号 - AD7233_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7233AN AD-AD7233AN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233AN AD-AD7233AN Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233BN AD-AD7233BN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233BN AD-AD7233BN Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
More results

同様の説明 - AD7233_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7243 AD-AD7243_15 Datasheet
173Kb / 12P
   LC MOS 12-Bit Serial DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com