データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C752BLPTREP データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C752BLPTREP
部品情報  3.3 V DUAL UART WITH 64-BYTE FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752BLPTREP データシート(HTML) 5 Page - Texas Instruments

  TL16C752BLPTREP Datasheet HTML 1Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 2Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 3Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 4Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 5Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TL16C752B-EP
www.ti.com
SGLS153B – FEBRUARY 2003 – REVISED DECEMBER 2007
FUNCTIONAL DESCRIPTION
The TL16C752B UART is pin-compatible with the ST16C2550 UART. It provides more enhanced features. All
additional features are provided through a special enhanced feature register.
The UART performs a serial-to-parallel conversion on data characters received from peripheral devices or
modems and parallel-to-parallel conversion on data characters transmitted by the processor. The complete
status of each channel of the TL16C752B UART can be read at any time during functional operation by the
processor.
The TL16C752B can be placed in an alternate mode (FIFO mode) relieving the processor of excessive software
overhead by buffering received/transmitted characters. Both the receiver and transmitter FIFOs can store up to
64 bytes (including three additional bits of error status per byte for the receiver FIFO) and have selectable or
programmable trigger levels. Primary outputs RXRDY and TXRDY allow signalling of DMA transfers.
The TL16C752B has selectable hardware flow control and software flow control. Hardware flow control
significantly reduces software overhead and increases system efficiency by automatically controlling serial data
flow using the RTS output and CTS input signals. Software flow control automatically controls data flow by using
programmable Xon/Xoff characters.
The UART includes a programmable baud rate generator that can divide the timing reference clock input by a
divisor between 1 and (216–1).
Trigger Levels
The TL16C752B provides independent selectable and programmable trigger levels for both receiver and
transmitter DMA and interrupt generation. After reset, both transmitter and receiver FIFOs are disabled and so, in
effect, the trigger level is the default value of one byte. The selectable trigger levels are available via the FCR.
The programmable trigger levels are available via the TLR.
Hardware Flow Control
Hardware flow control is comprised of auto-CTS and auto-RTS. Auto-CTS and auto-RTS can be
enabled/disabled independently by programming EFR[7:6].
With auto-CTS, CTS must be active before the UART can transmit data.
Auto-RTS only activates the RTS output when there is enough room in the FIFO to receive data and deactivates
the RTS output when the RX FIFO is sufficiently full. The halt and resume trigger levels in the TCR determine the
levels at which RTS is activated/deactivated.
If both auto-CTS and auto-RTS are enabled, when RTS is connected to CTS, data transmission does not occur
unless the receiver FIFO has empty space. Thus, overrun errors are eliminated during hardware flow control. If
not enabled, overrun errors occur if the transmit data rate exceeds the receive FIFO servicing latency.
Auto-RTS
Auto-RTS data flow control originates in the receiver block (see functional block diagram). Figure 1 shows RTS
functional timing. The receiver FIFO trigger levels used in auto-RTS are stored in the TCR. RTS is active if the
RX FIFO level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger level is reached,
RTS is deasserted. The sending device (e.g., another UART) may send an additional byte after the trigger level
is reached (assuming the sending UART has another byte to send), because it may not recognize the
deassertion of RTS until it has begun sending the additional byte. RTS is automatically reasserted once the
receiver FIFO reaches the resume trigger level programmed via TCR[7:4]. This reassertion allows the sending
device to resume transmission.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL16C752B-EP


同様の部品番号 - TL16C752BLPTREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPT TI-TL16C752BPT Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPTG4 TI-TL16C752BPTG4 Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPTR TI-TL16C752BPTR Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

同様の説明 - TL16C752BLPTREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com