データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1521-IE000 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-1521-IE000
部品情報  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1521-IE000 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-1521-IE000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1521-IE000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 2. Forward Current vs.
Forward Voltage Characteristics.
Figure 4. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 5. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
Figure 1. Relative Intensity vs. Wavelength.
T-1 High Efficiency Red Non-Diffused


同様の部品番号 - HLMP-1521-IE000

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1521-E00 AVAGO-HLMP-1521-E00 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

同様の説明 - HLMP-1521-IE000

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com