データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC0802LCN データシート(PDF) 8 Page - Intersil Corporation

部品番号 ADC0802LCN
部品情報  8-Bit, Microprocessor- Compatible, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0802LCN データシート(HTML) 8 Page - Intersil Corporation

Back Button ADC0802LCN Datasheet HTML 4Page - Intersil Corporation ADC0802LCN Datasheet HTML 5Page - Intersil Corporation ADC0802LCN Datasheet HTML 6Page - Intersil Corporation ADC0802LCN Datasheet HTML 7Page - Intersil Corporation ADC0802LCN Datasheet HTML 8Page - Intersil Corporation ADC0802LCN Datasheet HTML 9Page - Intersil Corporation ADC0802LCN Datasheet HTML 10Page - Intersil Corporation ADC0802LCN Datasheet HTML 11Page - Intersil Corporation ADC0802LCN Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6-12
Understanding A/D Error Specs
A perfect A/D transfer characteristic (staircase wave-form) is
shown in Figure 11A. The horizontal scale is analog input volt-
age and the particular points labeled are in steps of 1 LSB
(19.53mV with 2.5V tied to the VREF/2 pin). The digital output
codes which correspond to these inputs are shown as D-1, D,
and D+1. For the perfect A/D, not only will center-value (A - 1,
A, A + 1, . . .) analog inputs produce the correct output digital
codes, but also each riser (the transitions between adjacent
output codes) will be located
±1/2 LSB away from each center-
value. As shown, the risers are ideal and have no width. Correct
digital output codes will be provided for a range of analog input
voltages which extend
±1/2 LSB from the ideal center-values.
Each tread (the range of analog input voltage which provides
the same digital output code) is therefore 1 LSB wide.
The error curve of Figure 11B shows the worst case transfer
function for the ADC0802. Here the specification guarantees
that if we apply an analog input equal to the LSB analog volt-
age center-value, the A/D will produce the correct digital code.
Next to each transfer function is shown the corresponding error
plot. Notice that the error includes the quantization uncertainty of
the A/D. For example, the error at point 1 of Figure 11A is
+1/2 LSB because the digital code appeared
1/
2 LSB in advance
of the center-value of the tread. The error plots always have a
constant negative slope and the abrupt upside steps are always
1 LSB in magnitude, unless the device has missing codes.
Detailed Description
The functional diagram of the ADC0802 series of A/D
converters operates on the successive approximation princi-
ple (see Application Notes AN016 and AN020 for a more
detailed description of this principle). Analog switches are
closed sequentially by successive-approximation logic until
the analog differential input voltage [VlN(+) - VlN(-)] matches
a voltage derived from a tapped resistor string across the
reference voltage. The most significant bit is tested first and
after 8 comparisons (64 clock cycles), an 8-bit binary code
(1111 1111 = full scale) is transferred to an output latch.
The normal operation proceeds as follows. On the high-to-low
transition of the WR input, the internal SAR latches and the
shift-register stages are reset, and the INTR output will be set
high. As long as the CS input and WR input remain low, the
A/D will remain in a reset state. Conversion will start from 1 to
8 clock periods after at least one of these inputs makes a low-
to-high transition. After the requisite number of clock pulses to
complete the conversion, the INTR pin will make a high-to-low
transition. This can be used to interrupt a processor, or
otherwise signal the availability of a new conversion. A RD
operation (with CS low) will clear the INTR line high again.
TRANSFER FUNCTION
ERROR PLOT
FIGURE 11A. ACCURACY =
±0 LSB; PERFECT A/D
TRANSFER FUNCTION
ERROR PLOT
FIGURE 11B. ACCURACY =
±1/2 LSB
FIGURE 11. CLARIFYING THE ERROR SPECS OF AN A/D CONVERTER
ANALOG INPUT (VIN)
D + 1
D
D - 1
A + 1
A
A - 1
3
2
1
56
4
3
2
15
6
4
0
+1 LSB
-1 LSB
-1/2 LSB
+1/2 LSB
* QUANTIZATION ERROR
A
ANALOG INPUT (VIN)
A + 1
A - 1
ANALOG INPUT (VIN)
D + 1
D
D - 1
A + 1
A
A - 1
3
2
1
5
6
4
*
0
+1 LSB
-1 LSB
QUANTIZATION
3
2
1
6
4
ANALOG INPUT (VIN)
A + 1
A
A - 1
ERROR
ADC0802, ADC0803, ADC0804


同様の部品番号 - ADC0802LCN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC0802LCN NSC-ADC0802LCN Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
ADC0802LCN NSC-ADC0802LCN Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0802LCN TI-ADC0802LCN Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
ADC0802LCN TI1-ADC0802LCN Datasheet
6Mb / 56P
[Old version datasheet]   Analog-to-Digital Converters
ADC0802LCN/NOPB TI-ADC0802LCN/NOPB Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
More results

同様の説明 - ADC0802LCN

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
   8-Bit, Microprocessor-Compatible, A/D Converters
logo
Analog Devices
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
   8 BIT UP COMPATIBLE A/D CONVERTERS
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com