データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3020 データシート(PDF) 1 Page - Intersil Corporation

部品番号 CA3020
部品情報  8MHz Power Amps For Military, Industrial and Commercial Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3020 データシート(HTML) 1 Page - Intersil Corporation

  CA3020 Datasheet HTML 1Page - Intersil Corporation CA3020 Datasheet HTML 2Page - Intersil Corporation CA3020 Datasheet HTML 3Page - Intersil Corporation CA3020 Datasheet HTML 4Page - Intersil Corporation CA3020 Datasheet HTML 5Page - Intersil Corporation CA3020 Datasheet HTML 6Page - Intersil Corporation CA3020 Datasheet HTML 7Page - Intersil Corporation CA3020 Datasheet HTML 8Page - Intersil Corporation CA3020 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3-1
April 1997
CA3020, CA3020A
8MHz Power Amps For Military,
Industrial and Commercial Equipment
File Number
339.5
Features
• High Power Output Class B Amplifier
- CA3020 . . . . . . . . . . . . . . . . . . . . 0.5W (Typ) at VCC = 9V
- CA3020A . . . . . . . . . . . . . . . . . . 1.0W (Typ) at VCC = 12V
• Wide Frequency Range . . Up to 8MHz with Resistive Loads
• High Power Gain. . . . . . . . . . . . . . . . . . . . . . . . . 75dB (Typ)
• Single Power Supply For Class B Operation With
Transformer
- CA3020 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 9V
- CA3020A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 12V
• Built-In Temperature-Tracking Voltage Regulator Provides
Stable Operation Over -55oC to 125oC Temperature Range
Applications
• AF Power Amplifiers For Portable and Fixed Sound and
Communications Systems
• Servo-Control Amplifiers
• Wide-Band Linear Mixers
• Video Power Amplifiers
• Transmission-Line
Driver
Amplifiers
(Balanced
and
Unbalanced)
• Fan-In and Fan-Out Amplifiers For Computer Logic Circuits
• Lamp-Control Amplifiers
• Motor-Control Amplifiers
• Power Multivibrators
• Power Switches
Description
The CA3020 and CA3020A are integrated-circuit, multi-
stage, multipurpose, wide-band power amplifiers on a single
monolithic silicon chip. They employ a highly versatile and
stable direct coupled circuit configuration featuring wide
frequency range, high voltage and power gain, and high
power output. These features plus inherent stability over a
wide temperature range make the CA3020 and CA3020A
extremely useful for a wide variety of applications in military,
industrial, and commercial equipment.
The CA3020 and CA3020A are particularly suited for service
as class B power amplifiers. The CA3020A can provide a
maximum power output of 1W from a 12VDC supply with a
typical power gain of 75dB. The CA3020 provides 0.5W
power output from a 9V supply with the same power gain.
Refer to AN5766 for application information.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3020
-55 to 125
12 Pin Metal Can
T12.B
CA3020A
-55 to 125
12 Pin Metal Can
T12.B
Pinout
CA3020
(METAL CAN)
TOP VIEW
Schematic Diagram
The resistance values included on the schematic diagram have been supplied as a convenience to assist
Equipment Manufacturers in optimizing the selection of “outboard” components of equipment designs.
The values shown may vary as much as 30%.
Intersil reserves the right to make any changes in the Resistance Values provided such changes do not
adversely affect the published performance characteristics of the device.
12
1
2
3
4
11
10
9
8
7
6
5
V-
RB8
DIFF IN2
DIFF IN3
OUTPUT 4
OUTPUT 5
OUTPUT 6
OUTPUT 7
BUFFER AMP
OUT
BUFFER
VCC1
RB11
AMP IN
Q1
R10
Q2
Q3
10
1
3
1.5K
98
11
R11
1.5K
D1
D2
D3
R4
R1
R3
R6
0.3K
R9
Q6
Q7
Q4
Q5
R5
R2
R5
10K
0.47K
12K
12
2
R8
0.3K
7
6
5
4
[ /Title
(CA30
20,
CA302
0A)
/Sub-
ject
(8MHz
Power
Amps
For
Mili-
tary,
Indus-
trial
and
Com-
mer-
cial
Equip-
ment)
/Autho
r ()
/Key-
words
(Inter-
sil
Corpo-
ration,
Semi-
con-
ductor,
single,
power
ampli-
fier,
class b
ampli-
fier,
mili-
tary
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


同様の部品番号 - CA3020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3020 INTERSIL-CA3020 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020A INTERSIL-CA3020A Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
More results

同様の説明 - CA3020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com