データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3020A データシート(PDF) 2 Page - Intersil Corporation

部品番号 CA3020A
部品情報  8MHz Power Amps For Military, Industrial and Commercial Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3020A データシート(HTML) 2 Page - Intersil Corporation

  CA3020A Datasheet HTML 1Page - Intersil Corporation CA3020A Datasheet HTML 2Page - Intersil Corporation CA3020A Datasheet HTML 3Page - Intersil Corporation CA3020A Datasheet HTML 4Page - Intersil Corporation CA3020A Datasheet HTML 5Page - Intersil Corporation CA3020A Datasheet HTML 6Page - Intersil Corporation CA3020A Datasheet HTML 7Page - Intersil Corporation CA3020A Datasheet HTML 8Page - Intersil Corporation CA3020A Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3-2
Absolute Maximum Ratings
Operating Conditions
Maximum Pin 9 Supply Voltage, VCC1 (Note 1)
CA3020 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V
CA3020A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Maximum Pin 9 Supply Current, ICC1 . . . . . . . . . . . . . . . . . . 20mA
Maximum Pin 11 Sink Current, I11 . . . . . . . . . . . . . . . . . . . . . 20mA
Output Voltage, V4 and V7 (Note 1)
CA3020 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
CA3020A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V
Output Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
Input Voltage Range, V2, V3. . . . . . . . . . . . . . . . . . . . . . . -2V to 2V
Maximum Input Voltage, V10 (Ref to Pin 1) . . . . . . . . . . . . . . . . -3V
Maximum Source Current, V1 . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Information
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
Metal Can Package . . . . . . . . . . . . . . .
165
80
Maximum Junction Temperature (Metal CanPackage) . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The voltage ratings for Pin 9, Pin 4 and Pin 7 are referenced to the V- (Pin 12). A normal bias configuration for Pin 8 and Pin 11 is shown
in Figure 1B. Refer to Application Note AN5766 for other options.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
CA3020
CA3020A
UNITS
CIRCUIT AND
PROCEDURE
DC SUPPLY
VOLTAGE
FIGURE
VCC1 VCC2
MIN
TYP
MAX
MIN
TYP
MAX
Collector-to-Emitter Breakdown
Voltage, Q6 and Q7 at 10mA
V(BR)CER
1A
-
-
18
-
-
25
-
-
V
Collector-to-Emitter Breakdown
Voltage, Q1 at 0.1mA
V(BR)CEO
-
-
-
10-
-10-
-
V
Idle Currents, Q6 and Q7
I4 IDLE
I7 IDLE
7
9.0
2.0
-
5.5
-
-
5.5
-
mA
Peak Output Currents, Q6 and Q7
I4PK
I7PK
7
9.0
2.0
140
-
-
180
-
-
mA
Cutoff Currents, Q6 and Q7
I4 CUTOFF
I7 CUTOFF
7
9.0
2.0
-
-
1.0
-
-
1.0
mA
Differential Amplifier Current Drain
ICC1
7
9.0
9.0
6.3
9.4
12.5
6.3
9.4
12.5
mA
Total Current Drain
ICC1 +
ICC2
7
9.0
9.0
8.0
21.5
35.0
14.0
21.5
30.0
mA
Differential Amplifier Input
Terminal Voltages
V2
V3
7
9.0
2.0
-
1.11
-
-
1.11
-
V
Regulator Terminal Voltage
V11
7
9.0
2.0
-
2.35
-
-
2.35
-
V
Q1 Cutoff (Leakage) Currents:
Collector-to-Emitter
ICEO
-
10.0
-
-
-
100
-
-
100
µA
Emitter-to-Base
IEBO
3.0
-
-
-
0.1
-
-
0.1
µA
Collector-to-Base
ICBO
3.0
-
-
-
0.1
-
-
0.1
µA
Forward Current Transfer Ratio,
Q1 at 3mA
hFE1
-
6.0
-
30
75
-
30
75
-
Bandwidth at -3dB Point
BW
8
6.0
6.0
-
8
-
-
8
-
MHz
Maximum Power Output for
RCC = 130Ω
PO(MAX)
9
6.0
6.0
200
300
-
200
300
-
mW
9
9.0
9.0
400
550
-
400
550
-
mW
Maximum Power Output for
RCC = 200Ω
9
9.0
12.0
-
-
-
800
1000
-
mW
Sensitivity for POUT = 400mW,
RCC = 130Ω
eIN
9
9.0
9.0
-
35
55
-
-
-
mV
Sensitivity for POUT = 800mW,
RCC = 200Ω
eIN
9
9.0
12.0
----
50
100
mV
Input Resistance -
Terminal 3 to Ground
RIN3
10
6.0
6.0
-
1000
-
-
1000
-
CA3020, CA3020A


同様の部品番号 - CA3020A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3020A INTERSIL-CA3020A Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
More results

同様の説明 - CA3020A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com