データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3524F データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA3524F
部品情報  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3524F データシート(HTML) 4 Page - Intersil Corporation

  CA3524F Datasheet HTML 1Page - Intersil Corporation CA3524F Datasheet HTML 2Page - Intersil Corporation CA3524F Datasheet HTML 3Page - Intersil Corporation CA3524F Datasheet HTML 4Page - Intersil Corporation CA3524F Datasheet HTML 5Page - Intersil Corporation CA3524F Datasheet HTML 6Page - Intersil Corporation CA3524F Datasheet HTML 7Page - Intersil Corporation CA3524F Datasheet HTML 8Page - Intersil Corporation CA3524F Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Specifications CA1524, CA2524, CA3524
Output Voltage
TA = 25
oC
0.5
-
3.8
0.5
-
3.8
V
Amplifier Pole
-
250
-
-
250
-
Hz
Pin 9 Shutdown Current
External Sink
-
200
-
-
200
-
µA
COMPARATOR SECTION
Duty Cycle
% Each Output On
0
-
45
0
-
45
%
Input Threshold
Zero Duty Cycle
-
1
-
-
1
-
V
Input Threshold
Max. Duty Cycle
-
3.5
-
-
3.5
-
V
Input Bias Current
-
1
-
-
1
-
µA
CURRENT LIMITING SECTION
Sense Voltage for 25% Output Duty
Cycle
Terminal 9 = 2V with Error
Amplifier Set for Max Out,
TA = 25
oC
190
200
210
180
200
220
mV
Sense Voltage T.C.
-
0.2
-
-
0.2
-
mV/oC
Common Mode Voltage
-1
-
+1
-1
-
+1
V
Rolloff Pole of R51 C3 + Q64
-
300
-
-
300
-
Hz
OUTPUT SECTION (EACH OUTUT)
Collector-Emitter Voltage
40
-
-
40
-
-
V
Collector Leakage Current
VCE = 40V
-
0.1
50
-
0.1
50
µA
Saturation Voltage
V+ = 40V, IC = 50mA
-
0.8
2
-
0.8
2
V
Emitter Output Voltage
V+ = 20V
17
18
-
17
18
-
V
Rise Time
RC = 2KΩ, TA = 25
oC
-
0.2
-
-
0.2
-
µs
Fall Time
RC = 2KΩ, TA = 25
oC
-
0.1
-
-
0.1
-
µs
Total Standby Current: (Note 2) IS
V+ = 40V
-
4
10
-
4
10
mA
NOTES:
1. Ramp voltage at Pin 7
where
t = OSC period in microseconds
t
≅ R
TCT with CT in microfarads and RT in ohms.
Output frequency at each output transistor is half OSC frequency when each output is used separately and is equal to the OSC frequency
when each output is connected in parallel.
2. Excluding oscillator charging current, error and current limit dividers, and with outputs open.
Electrical Specifications
TA = -55
0C to +125oC for CA1524, 0oC to +70oC for the CA2524 and CA3524; V+ = 20V and
f = 20kHz, Unless Otherwise Stated. (Continued)
PARAMETER
TEST CONDITIONS
CA1524, CA2524
CA3524
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
High
Low
t


同様の部品番号 - CA3524F

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CA3524E ETC2-CA3524E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CA3524F

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com