データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3079 データシート(PDF) 9 Page - Intersil Corporation

部品番号 CA3079
部品情報  Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3079 データシート(HTML) 9 Page - Intersil Corporation

Back Button CA3079 Datasheet HTML 4Page - Intersil Corporation CA3079 Datasheet HTML 5Page - Intersil Corporation CA3079 Datasheet HTML 6Page - Intersil Corporation CA3079 Datasheet HTML 7Page - Intersil Corporation CA3079 Datasheet HTML 8Page - Intersil Corporation CA3079 Datasheet HTML 9Page - Intersil Corporation CA3079 Datasheet HTML 10Page - Intersil Corporation CA3079 Datasheet HTML 11Page - Intersil Corporation CA3079 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
11
CA3059, CA3079
FIGURE 13. LINE-OPERATED ONE-SHOT TIMER
FIGURE 14. LINE-OPERATED THYRISTOR CONTROL TIME
DELAY TURN-ON CIRCUIT
FIGURE 15. ON/OFF TEMPERATURE CONTROL CIRCUIT WITH DELAYED TURN-ON
FIGURE 16A. LINE-OPERATED IC TIMER FOR LONG TIME PERIODS
11
5
10
12
6
1
2
6
7
13
9
3
14
+
-
100
µF
15VDC
OFF
ON
C1
R1
4
G
MT1
MT2
RL
120VAC
60Hz
CA3059
tON = 0.67 R1C1
R1(max. value allowable) = 1mΩ
10K
2W
11
5
10
12
6
1
2
8
7
14
+
-
100
µF
15VDC
C1
R1
4
G
MT1
MT2
RL
120VAC
60Hz
CA3059
td = 0.67 R1C1
OFF
ON
9
13
3
10K
2W
CA3079
11
5
10
12
6
1
2
6
7
13
9
3
14
+
-
100
µF
15VDC
C1
RP
4
G
MT1
MT2
RL
120VAC
60Hz
CA3059
10K
2W
OFF
ON
R1
R2
NTC
SENSOR
td = RTC1
RT =
R1R2
R1 + R2
10
11
1
2
9
6
11
11
10
16
1
5
2
4
8
3
7
8
1
9
6
10
12
13
8
16
12
14
15
CA3059
RECTIFIER
AND TRIAC
CONTROL
5
4
SWITCHED
LOAD
MT2
MT1
T2300B
MAX LOAD = 2.5A
G
1K
7
COS/MOS CD4040A
12-STAGE COUNTER
PULSE GENERATOR
CA3097E THYRISTOR/
TRANSISTOR ARRAY
R4
10K
R5
1K
13
SENSOR
100
µF
-
+
C1
R2
68K
R1
R3
100K
R6
2M
R7
5K
IN
VDD+
10
K
OUTPUT
RESET
10K
120VAC
5K
2W
Terminal 1 goes “High”
(Logic “1”) after 2048
pulses are applied to
Terminal 10.
NOTE:
For 8 hour delay:
R1 = 12MΩ
C1 = 2µF


同様の部品番号 - CA3079

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CA3070 ETC1-CA3070 Datasheet
680Kb / 15P
   Television Chroma System
CA3071 ETC1-CA3071 Datasheet
680Kb / 15P
   Television Chroma System
CA3072 ETC1-CA3072 Datasheet
680Kb / 15P
   Television Chroma System
logo
Intersil Corporation
CA3075 INTERSIL-CA3075 Datasheet
112Kb / 4P
   FM IF Amplifier-Limiter, Detector, and Audio Preamplifier
CA3078 INTERSIL-CA3078 Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
More results

同様の説明 - CA3079

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
   50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
   2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com