データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3080AM データシート(PDF) 10 Page - Intersil Corporation

部品番号 CA3080AM
部品情報  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080AM データシート(HTML) 10 Page - Intersil Corporation

Back Button CA3080AM Datasheet HTML 3Page - Intersil Corporation CA3080AM Datasheet HTML 4Page - Intersil Corporation CA3080AM Datasheet HTML 5Page - Intersil Corporation CA3080AM Datasheet HTML 6Page - Intersil Corporation CA3080AM Datasheet HTML 7Page - Intersil Corporation CA3080AM Datasheet HTML 8Page - Intersil Corporation CA3080AM Datasheet HTML 9Page - Intersil Corporation CA3080AM Datasheet HTML 10Page - Intersil Corporation CA3080AM Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FIGURE 24. DIFFERENTIAL INPUT CURRENT TEST CIRCUIT
FIGURE 25. INPUT CURRENT vs INPUT DIFFERENTIAL VOLTAGE
FIGURE 26. INPUT RESISTANCE vs AMPLIFIER BIAS CURRENT
FIGURE 27. AMPLIFIER BIAS VOLTAGE vs AMPLIFIER BIAS
CURRENT
FIGURE 28. INPUT AND OUTPUT CAPACITANCE vs AMPLIFIER
BIAS CURRENT
FIGURE 29. OUTPUT RESISTANCE vs AMPLIFIER BIAS
CURRENT
Typical Performance Curves (Continued)
5
7
V+ = 15V
CA3080, A
2
3
4
6
1
VDIFF = ±4V
V- = -15V
SUPPLY VOLTS: VS = ±15V
25oC
125oC
01
2
3
4
5
6
7
10
1
102
103
104
INPUT DIFFERENTIAL VOLTAGE (V)
SUPPLY VOLTS: VS = ±15V
TA = 25
oC
100
10
1
0.1
0.01
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
SUPPLY VOLTS: VS = ±15V
-55oC
25oC
125oC
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
900
800
700
600
500
400
300
200
100
0
SUPPLY VOLTS: VS = ±15V
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
6
5
4
3
2
1
0
7
f = 1 MHz
TA = 25
oC
CI
CO
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
104
103
102
10
1
105
SUPPLY VOLTS: VS = ±15V
TA = 25
oC
CA3080, CA3080A


同様の部品番号 - CA3080AM

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3080AM INTERSIL-CA3080AM Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080AM ROCHESTER-CA3080AM Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080AM RENESAS-CA3080AM Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080AM96 INTERSIL-CA3080AM96 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080AM96 RENESAS-CA3080AM96 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

同様の説明 - CA3080AM

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com