データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3086 データシート(PDF) 1 Page - Intersil Corporation

部品番号 CA3086
部品情報  General Purpose NPN Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3086 データシート(HTML) 1 Page - Intersil Corporation

  CA3086 Datasheet HTML 1Page - Intersil Corporation CA3086 Datasheet HTML 2Page - Intersil Corporation CA3086 Datasheet HTML 3Page - Intersil Corporation CA3086 Datasheet HTML 4Page - Intersil Corporation CA3086 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
General Purpose NPN Transistor Array
The CA3086 consists of five general-purpose silicon NPN
transistors on a common monolithic substrate. Two of the
transistors are internally connected to form a differentially
connected pair.
The transistors of the CA3086 are well suited to a wide
variety of applications in low-power systems at frequencies
from DC to 120MHz. They may be used as discrete
transistors in conventional circuits. However, they also
provide the very significant inherent advantages unique to
integrated circuits, such as compactness, ease of physical
handling and thermal matching.
Applications
• Power Applications from DC to 120MHz
• General-Purpose Use in Signal Processing Systems
Operating in the DC to 190MHz Range
• Temperature Compensated Amplifiers
• See Application Note, AN5296 “Application of the CA3018
Integrated-Circuit Transistor Array” for Suggested
Applications
Pinout
CA3086 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
CA3086
-55 to 125
14 Ld PDIP
E14.3
CA3086M96
(3086)
-55 to 125
14 Ld SOIC Tape
and Reel
M14.15
SUBSTRATE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Q1
Q2
Q5
Q4
Q3
FN483.5
CA3086
Data Sheet
August 2003


同様の部品番号 - CA3086

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3086E INTERSIL-CA3086E Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3086F INTERSIL-CA3086F Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
More results

同様の説明 - CA3086

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Sanyo Semicon Device
LB1213M SANYO-LB1213M Datasheet
39Kb / 2P
   General-Purpose Transistor Array
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
   Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com