データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3080AM96 データシート(PDF) 7 Page - Intersil Corporation

部品番号 CA3080AM96
部品情報  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080AM96 データシート(HTML) 7 Page - Intersil Corporation

Back Button CA3080AM96 Datasheet HTML 3Page - Intersil Corporation CA3080AM96 Datasheet HTML 4Page - Intersil Corporation CA3080AM96 Datasheet HTML 5Page - Intersil Corporation CA3080AM96 Datasheet HTML 6Page - Intersil Corporation CA3080AM96 Datasheet HTML 7Page - Intersil Corporation CA3080AM96 Datasheet HTML 8Page - Intersil Corporation CA3080AM96 Datasheet HTML 9Page - Intersil Corporation CA3080AM96 Datasheet HTML 10Page - Intersil Corporation CA3080AM96 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FIGURE 10. SCHEMATIC DIAGRAM OF THE CA3080A IN A SAMPLE-HOLD CIRCUIT WITH BIMOS OUTPUT AMPLIFIER
Top Trace:
Output; 5V/Div., 2
µs/Div.
Center Trace:
Differential Comparison of Input and Output
2mV/Div., 2
µs/Div.
Bottom Trace:
Input; 5V/Div., 2
µs/Div.
Top Trace:
Output
20mV/Div., 100ns/Div.
Bottom Trace:
Input
200mV/Div., 100ns/Div.
FIGURE 11. LARGE-SIGNAL RESPONSE FOR CIRCUIT
SHOWN IN FIGURE 10
FIGURE 12. SMALL-SIGNAL RESPONSE FOR CIRCUIT SHOWN
IN FIGURE 10
Typical Applications (Continued)
5
2
CA3080A
+
-
7
4
3
6
5
2
CA3130
+
-
4
7
6
3
8
1
INPUT
R1
2K
+7.5V
-7.5V
R2
2K
C2
R2
15K
0.1
µF
STROBE
SAMPLE
CONTROL
AMPLIFIER
C1
200pF
R3
400
STORAGE
AND PHASE
COMPENSATION
-7.5V
NULLING
R4
2K
SAMPLE
READ-OUT
AMPLIFIER
+7.5V
C3
0.1
µF
C4
0.1
µF
C5
156
pF
R5
2K
C6
0.1
µF
R7
2K
OUTPUT
CL
e.g. 30pF (TYP)
SAMPLE
HOLD
0V
-7.5
(OTA)
R6
100K
0
0
0
0
0
CA3080, CA3080A


同様の部品番号 - CA3080AM96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3080AM96 INTERSIL-CA3080AM96 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080AM96 RENESAS-CA3080AM96 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

同様の説明 - CA3080AM96

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com