データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3096A データシート(PDF) 9 Page - Intersil Corporation

部品番号 CA3096A
部品情報  NPN/PNP Transistor Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096A データシート(HTML) 9 Page - Intersil Corporation

Back Button CA3096A Datasheet HTML 5Page - Intersil Corporation CA3096A Datasheet HTML 6Page - Intersil Corporation CA3096A Datasheet HTML 7Page - Intersil Corporation CA3096A Datasheet HTML 8Page - Intersil Corporation CA3096A Datasheet HTML 9Page - Intersil Corporation CA3096A Datasheet HTML 10Page - Intersil Corporation CA3096A Datasheet HTML 11Page - Intersil Corporation CA3096A Datasheet HTML 12Page - Intersil Corporation CA3096A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FIGURE 21. VBE (PNP) vs TEMPERATURE
FIGURE 22. MAGNITUDE OF INPUT OFFSET VOLTAGE |VIO| vs
COLLECTOR CURRENT FOR NPN TRANSISTOR
Q1 - Q2
FIGURE 23. MAGNITUDE OF INPUT OFFSET VOLTAGE |VIO| vs
COLLECTOR CURRENT FOR PNP TRANSISTOR
Q4 - Q5
FIGURE 24. NOISE FIGURE vs FREQUENCY FOR NPN
TRANSISTORS
FIGURE 25. NOISE FIGURE vs FREQUENCY FOR NPN
TRANSISTORS
FIGURE 26. NOISE FIGURE vs FREQUENCY FOR NPN
TRANSISTORS
Typical Performance Curves (Continued)
0.9
0.8
0.7
0.6
0.5
0.4
-40
-20
0
20
40
60
80
TEMPERATURE (oC)
IC = 5mA, ∆VBE/∆T - 0.97mV/
oC
IC = 1mA, -1.84mV/
oC
IC = 100µA, -2.2mV/
oC
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.01
0.1
1
10
COLLECTOR CURRENT (mA)
0.5
0.4
0.3
0.2
0.1
0
FREQUENCY (kHz)
0.01
0.1
1.0
10
100
0
2
4
6
8
10
12
14
16
18
RSOURCE = 500Ω
100
µA
10
µA
1mA
IC = 3mA
FREQUENCY (kHz)
0.01
0.1
1
10
100
0
2
4
6
8
10
12
14
16
18
RSOURCE = 1kΩ
100
µA
10
µA
1mA
IC = 3mA
FREQUENCY (kHz)
0.01
0.1
1.0
10
100
0
4
8
12
16
20
24
28
RSOURCE = 10kΩ
100
µA
10
µA
1mA
IC = 3mA
CA3096, CA3096A, CA3096C


同様の部品番号 - CA3096A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3096A INTERSIL-CA3096A Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096AE INTERSIL-CA3096AE Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096AM INTERSIL-CA3096AM Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
CA3096AM96 INTERSIL-CA3096AM96 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
More results

同様の説明 - CA3096A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com