データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3094AT データシート(PDF) 3 Page - Intersil Corporation

部品番号 CA3094AT
部品情報  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094AT データシート(HTML) 3 Page - Intersil Corporation

  CA3094AT Datasheet HTML 1Page - Intersil Corporation CA3094AT Datasheet HTML 2Page - Intersil Corporation CA3094AT Datasheet HTML 3Page - Intersil Corporation CA3094AT Datasheet HTML 4Page - Intersil Corporation CA3094AT Datasheet HTML 5Page - Intersil Corporation CA3094AT Datasheet HTML 6Page - Intersil Corporation CA3094AT Datasheet HTML 7Page - Intersil Corporation CA3094AT Datasheet HTML 8Page - Intersil Corporation CA3094AT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3-14
OUTPUT PARAMETERS (Differential Input Voltage = 1V)
Peak Output Voltage
(Terminal 6)
With Q13 “ON”
VOM+
V+ = 30V, RL = 2kΩ to GND
26
27
-
V
With Q13 “OFF”
VOM-
-
0.01
0.05
V
Peak Output Voltage
(Terminal 6)
Positive
VOM+
V+ = 15V, V- = -15V, RL = 2kΩ to -15V
11
12
-
V
Negative
VOM-
-
-14.99
-14.95
V
Peak Output Voltage
(Terminal 8)
With Q13 “OFF”
VOM+
V+ = 30V, RL = 2kΩ to 30V
29.95
29.99
-
V
With Q13 “ON”
VOM-
-
0.040
-
V
Peak Output Voltage
(Terminal 8)
Positive
VOM+
V+ = 15V, V- = -15V,
RL = 2kΩ to 15V
14.95
14.99
-
V
Negative
VOM-
-
-14.96
-
V
Collector-to-Emitter Saturation Voltage
(Terminal 8)
VCE(SAT)
V+ = 30V, IC = 50mA, Terminal 6
Grounded
-
0.17
0.80
V
Output Leakage Current
(Terminal 6 to Terminal 4)
V+ = 30V
-
2
10
µA
Composite Small Signal Current Transfer
Ratio (Beta) (Q12 and Q13)
hFE
V+ = 30V, VCE = 5V, IC = 50mA
16,000
100,000
-
Output Capacitance
Terminal 6
CO
f = 1MHz, All Remaining Terminals Tied
to Terminal 4
-
5.5
-
pF
Terminal 8
-
17
-
pF
TRANSFER PARAMETERS
Voltage Gain
A
V+ = 30V, IABC = 100µA, ∆VOUT = 20V,
RL = 2kΩ
20,000
100,000
-
V/V
86
100
-
dB
Forward Transconductance to
Terminal 1
gM
1650
2200
2750
µS
Slew Rate (Open
Loop)
Positive Slope
SR
IABC = 500µA, RL = 2kΩ
-
500
-
V/
µs
Negative Slope
-
50
-
V/
µs
Unity Gain (Non-Inverting Compensated)
IABC = 500µA, RL = 2kΩ
-
0.70
-
V/
µs
Electrical Specifications
TA = 25
oC for Equipment Design. Single Supply V+ = 30V, Dual Supply V
SUPPLY = ±15V, IABC = 100µA Unless
Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Schematic Diagram
6
“SINK”
OUTPUT
“SOURCE”
(DRIVE)
Q13
Q12
R1
2k
OUTPUT
R2
47k
Q10
Q11
Q8
Q9
D4
Q7
Q6
D3
2
3
Q4
D2
Q5
Q2
Q1
5
Q3
D6
D5
DIFFERENTIAL
VOLTAGE
V+
EXTERNAL FREQUENCY
COMPENSATION OR INHIBIT INPUT
INPUT
AMPLIFIER
BIAS INPUT
IABC
D1
DIFFERENTIAL
VOLTAGE
INPUT
V-
4
7
1
8
OUTPUT
MODE
OUTPUT
TERM
INPUTS
INV
NON-
INV
“Source”
6
2
3
“Sink”
8
3
2
CA3094, CA3094A, CA3094B


同様の部品番号 - CA3094AT

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3094AT INTERSIL-CA3094AT Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

同様の説明 - CA3094AT

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com