データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3094BT データシート(PDF) 9 Page - Intersil Corporation

部品番号 CA3094BT
部品情報  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094BT データシート(HTML) 9 Page - Intersil Corporation

Back Button CA3094BT Datasheet HTML 5Page - Intersil Corporation CA3094BT Datasheet HTML 6Page - Intersil Corporation CA3094BT Datasheet HTML 7Page - Intersil Corporation CA3094BT Datasheet HTML 8Page - Intersil Corporation CA3094BT Datasheet HTML 9Page - Intersil Corporation CA3094BT Datasheet HTML 10Page - Intersil Corporation CA3094BT Datasheet HTML 11Page - Intersil Corporation CA3094BT Datasheet HTML 12Page - Intersil Corporation CA3094BT Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
3-20
FIGURE 18A. DUAL SUPPLY
FIGURE 18B. SINGLE SUPPLY
FIGURE 18. COMPARATORS (THRESHOLD DETECTORS) DUAL AND SINGLE SUPPLY TYPES
FIGURE 19. TEMPERATURE CONTROLLER
Typical Applications (Continued)
CA3094A
3
2
6
4
8
5
7
-
+
300k
-15V
2k
+15V
OUTPUT
R2
100k
INPUT
R (NOTE 17)
51k
R1
100k
NOTES:
17.
.
18.
.
R
R
1R2
R
1
R
2
+
---------------------
=
Threshold
±
Supply
±
[]
R
1
R
1
R
2
+
---------------------
=
CA3094
3
2
6
4
8
5
7
-
+
150k
2k
OUTPUT
R1
100k
INPUT
51k
RB
200k
+15V
RA
200k
NOTES:
19.
.
20.
.
Upper Threshold
V+
[]
R
B
R
1RA
R
1
R
A
+
---------------------



R
B
+
------------------------------------------
=
Lower Threshold
V+
[]
R
1RB
R
1
R
B
+
---------------------
R
1RB
R
1
R
B
+
---------------------



R
A
+
------------------------------------------
=
TYPE
D1201F
10
26V
60Hz
50
µF
50V
+
-
75k
75k
75k
R
68k
10k
TEMP.
SET
1N914
2
3
4
7
8
5
6
117V
60Hz
1.5k
330k
HEATER
MT2
MT1
1k
0.01
µF
G
1.5M
1N914
PTC TEMP.
SENSOR
NOTE: All Resistors are 1/2W.
CA3094
FOR NTC SENSOR, INTERCHANGE POSITION OF SENSOR AND
.
R
CA3094, CA3094A, CA3094B


同様の部品番号 - CA3094BT

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3094BT INTERSIL-CA3094BT Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

同様の説明 - CA3094BT

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com