データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3130E データシート(PDF) 1 Page - Intersil Corporation

部品番号 CA3130E
部品情報  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130E データシート(HTML) 1 Page - Intersil Corporation

  CA3130E Datasheet HTML 1Page - Intersil Corporation CA3130E Datasheet HTML 2Page - Intersil Corporation CA3130E Datasheet HTML 3Page - Intersil Corporation CA3130E Datasheet HTML 4Page - Intersil Corporation CA3130E Datasheet HTML 5Page - Intersil Corporation CA3130E Datasheet HTML 6Page - Intersil Corporation CA3130E Datasheet HTML 7Page - Intersil Corporation CA3130E Datasheet HTML 8Page - Intersil Corporation CA3130E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
CA3130, CA3130A
15MHz, BiMOS Operational Amplifier with
MOSFET Input/CMOS Output
CA3130A and CA3130 are op amps that combine the
advantage of both CMOS and bipolar transistors.
Gate-protected P-Channel MOSFET (PMOS) transistors are
used in the input circuit to provide very-high-input
impedance, very-low-input current, and exceptional speed
performance. The use of PMOS transistors in the input stage
results in common-mode input-voltage capability down to
0.5V below the negative-supply terminal, an important
attribute in single-supply applications.
A CMOS transistor-pair, capable of swinging the output
voltage to within 10mV of either supply-voltage terminal (at
very high values of load impedance), is employed as the
output circuit.
The CA3130 Series circuits operate at supply voltages
ranging from 5V to 16V, (
±2.5V to ±8V). They can be phase
compensated with a single external capacitor, and have
terminals for adjustment of offset voltage for applications
requiring offset-null capability. Terminal provisions are also
made to permit strobing of the output stage.
The CA3130A offers superior input characteristics over
those of the CA3130.
Pinouts
CA3130, CA3130A
(PDIP, SOIC)
TOP VIEW
CA3130, CA3130A
(METAL CAN)
TOP VIEW
Features
• MOSFET Input Stage Provides:
- Very High ZI = 1.5 TΩ (1.5 x 10
12Ω) (Typ)
- Very Low II . . . . . . . . . . . . . 5pA (Typ) at 15V Operation
. . . . . . . . . . . . . . . . . . . . . = 2pA (Typ) at 5V Operation
• Ideal for Single-Supply Applications
• Common-Mode Input-Voltage Range Includes
Negative Supply Rail; Input Terminals can be Swung 0.5V
Below Negative Supply Rail
• CMOS Output Stage Permits Signal Swing to Either (or
both) Supply Rails
Applications
• Ground-Referenced Single Supply Amplifiers
• Fast Sample-Hold Amplifiers
• Long-Duration Timers/Monostables
• High-Input-Impedance Comparators
(Ideal Interface with Digital CMOS)
• High-Input-Impedance Wideband Amplifiers
• Voltage Followers (e.g. Follower for Single-Supply D/A
Converter)
• Voltage Regulators (Permits Control of Output Voltage
Down to 0V)
• Peak Detectors
• Single-Supply Full-Wave Precision Rectifiers
• Photo-Diode Sensor Amplifiers
OFFSET
INV.
NON-INV.
V-
1
2
3
4
8
7
6
5
STROBE
V+
OUTPUT
OFFSET
-
+
NULL
INPUT
INPUT
NULL
TAB
OUTPUT
INV.
V- AND CASE
OFFSET
NON-INV.
V+
OFFSET
2
4
6
1
3
7
5
8
-
+
STROBE
PHASE
COMPENSATION
NULL
INPUT
INPUT
NULL
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA3130AE
-55 to 125
8 Ld PDIP
E8.3
CA3130AM
(3130A)
-55 to 125
8 Ld SOIC
M8.15
CA3130AM96
(3130A)
-55 to 125
8 Ld SOIC
Tape and Reel
M8.15
CA3130AT
-55 to 125
8 Pin Metal Can
T8.C
CA3130E
-55 to 125
8 Ld PDIP
E8.3
CA3130M
(3130)
-55 to 125
8 Ld SOIC
M8.15
CA3130M96
(3130)
-55 to 125
8 Ld SOIC
Tape and Reel
M8.15
CA3130T
-55 to 125
8 Pin Metal Can
T8.C
Data Sheet
September 1998
File Number
817.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


同様の部品番号 - CA3130E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3130E INTERSIL-CA3130E Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130E RENESAS-CA3130E Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
List of Unclassifed Man...
CA3130E ETC2-CA3130E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3130EZ INTERSIL-CA3130EZ Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130EZ RENESAS-CA3130EZ Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

同様の説明 - CA3130E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com