データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3160A データシート(PDF) 6 Page - Intersil Corporation

部品番号 CA3160A
部品情報  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160A データシート(HTML) 6 Page - Intersil Corporation

Back Button CA3160A Datasheet HTML 2Page - Intersil Corporation CA3160A Datasheet HTML 3Page - Intersil Corporation CA3160A Datasheet HTML 4Page - Intersil Corporation CA3160A Datasheet HTML 5Page - Intersil Corporation CA3160A Datasheet HTML 6Page - Intersil Corporation CA3160A Datasheet HTML 7Page - Intersil Corporation CA3160A Datasheet HTML 8Page - Intersil Corporation CA3160A Datasheet HTML 9Page - Intersil Corporation CA3160A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
magnitude as those encountered in an operational amplifier
employing a bipolar transistor input stage. The 2V differential
voltage example represents conditions when the amplifier
output state is “toggled”, e.g., as in comparator applications.
Power Supply Considerations
Because the CA3160 is very useful in single supply
applications, it is pertinent to review some considerations
relating to power supply current consumption under both
single and dual supply service. Figures 1A and 1B show the
CA3160 connected for both dual and single supply operation.
Dual-supply operation: When the output voltage at Terminal
6 is 0V, the currents supplied by the two power supplies are
equal. When the gate terminals of Q8 and Q12 are driven
increasingly positive with respect to ground, current flow
through Q12 (from the negative supply) to the load is
increased and current flow through Q8 (from the positive
supply) decreases correspondingly. When the gate terminals
of Q8 and Q12 are driven increasingly negative with respect
to ground, current flow through Q8 is increased and current
flow through Q12 is decreased accordingly.
Single supply operation: Initially, let it be assumed that the
value of RL is very high (or disconnected), and that the input-
terminal bias (Terminals 2 and 3) is such that the output
terminal (No. 6) voltage is at V+/2, i.e., the voltage-drops
across Q8 and Q12 are of equal magnitude. Figure 18 shows
typical quiescent supply-current vs supply voltage for the
CA3160 operated under these conditions.
Since the output stage is operating as a Class A amplifier, the
supply current will remain constant under dynamic operating
conditions as long as the transistors are operated in the linear
portion of their voltage-transfer characteristics (see Figure 17).
If either Q8 or Q12 are swung out of their linear regions toward
cutoff (a non-linear region), there will be a corresponding
reduction in supply-current. In the extreme case, e.g., with
Terminal 8 swung down to ground potential (or tied to ground),
NMOS transistor Q12 is completely cut off and the supply
current to series connected transistors Q8, Q12 goes
essentially to zero. The two preceding stages in the CA3160,
however, continue to draw modest supply-current (see the
lower curve in Figure 18) even though the output stage is
strobed off. Figure 1A shows a dual-supply arrangement for the
output stage that can also be strobed off, assuming RL = , by
pulling the potential of Terminal 8 down to that of Terminal 4.
Let it now-be assumed that a load resistance of nominal value
(e.g., 2k
Ω) is connected between Terminal 6 and ground in the
circuit of Figure 1B. Let it further be assumed again that the
input-terminal bias (Terminals 2 and 3) is such that the output
terminal (No. 6) voltage is at V+/2. Since PMOS transistor Q8
must now supply quiescent current to both RL and transistor
Q12, it should be apparent that under these conditions the
supply current must increase as an inverse function of the RL
magnitude. Figure 20 shows the voltage-drop across PMOS
transistor Q8 as a function of load current at several supply
voltages. Figure 17 shows the voltage transfer characteristics of
the output stage for several values of load resistance.
Wideband Noise
From the standpoint of low-noise performance considerations,
the use of the CA3160 is most advantageous in applications
where in the source resistance of the input signal is on the
order of 1M
Ω or more. In this case, the total input-referred
noise voltage is typically only 40
µV when the test circuit
amplifier of Figure 2 is operated at a total supply voltage of
15V. This value of total input-referred noise remains
essentially constant, even though the value of source
resistance is raised by an order of magnitude. This
characteristic is due to the fact that reactance of the input
capacitance becomes a significant factor in shunting the
source resistance. It should be noted, however, that for values
of source resistance very much greater than 1M
Ω, the total
noise voltage generated can be dominated by the thermal
noise contributions of both the feedback and source resistors.
7
3
2
8
4
6
V+
-
+
CA3160
NEGATIVE
SUPPLY
OUTPUT
RL
STAGE
Q12
Q8
V-
FIGURE 1A. DUAL POWER SUPPLY OPERATION
7
3
2
8
4
6
-
+
CA3160
OUTPUT
RL
STAGE
Q12
Q8
V+
FIGURE 1B. SINGLE POWER SUPPLY OPERATION
FIGURE 1. CA3160 OUTPUT STAGE IN DUAL AND SINGLE
POWER SUPPLY OPERATION
CA3160, CA3160A


同様の部品番号 - CA3160A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160E INTERSIL-CA3160E Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

同様の説明 - CA3160A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com