データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3193 データシート(PDF) 2 Page - Intersil Corporation

部品番号 CA3193
部品情報  1.2MHz, BiCMOS Precision Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3193 データシート(HTML) 2 Page - Intersil Corporation

  CA3193 Datasheet HTML 1Page - Intersil Corporation CA3193 Datasheet HTML 2Page - Intersil Corporation CA3193 Datasheet HTML 3Page - Intersil Corporation CA3193 Datasheet HTML 4Page - Intersil Corporation CA3193 Datasheet HTML 5Page - Intersil Corporation CA3193 Datasheet HTML 6Page - Intersil Corporation CA3193 Datasheet HTML 7Page - Intersil Corporation CA3193 Datasheet HTML 8Page - Intersil Corporation CA3193 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
61
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±18V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (V+ -4), V-
Input Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 2) . . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range
CA3193A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
CA3193 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Short circuit may be applied to ground or to either supply.
Electrical Specifications
TA = 25
oC, V
SUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
SYMBOL
CA3193
CA3193A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
25oCVIO
-
300
500
-
140
200
µV
TMAX
-
-
725
-
-
380
µV
Input Offset Voltage Temperature
Coefficient (Over Specified Tem-
perature Range for Each Device)
∆VIO/∆T-
1
5
-
1
3
µV/oC
Input Offset Current
25oCIIO
-
5
10
-
3
5
nA
TMAX
--
17
--
11
nA
Input Offset Current Temperature
Coefficient (Over Specified Tem-
perature Range for Each Device)
∆IIO/∆T
-
0.04
0.15
-
0.03
0.10
nA/oC
Input Bias Current
25oCII
-
20
40
-
10
20
nA
TMAX
-
-
207
-
-
83
nA
Input Bias Current Temperature
Coefficient
∆II/∆T
-
0.15
3.70
-
0.10
1.18
nA/oC
Input Noise Voltage
0.1 to 10Hz
eN P-P
-0.36-
-0.36-
µVP-P
Input Noise Voltage Density
f = 10Hz
eN
-25
-
-25
-
nV/
√Hz
f = 100Hz
-
25
-
-
25
-
nV/
√Hz
f = 1000Hz
-
24
-
-
24
-
nV/
√Hz
f = 10kHz
-
24
-
-
24
-
nV/
√Hz
f = 100kHz
-
22
-
-
22
-
nV/
√Hz
Input Noise Current
0.1 to 10 Hz
IN P-P
-
12
20
-
12
20
pAP-P
Input Noise Current Density
f = 10Hz
IN
-0.83-
-0.83-
pA/
√Hz
f = 100Hz
-
0.80
-
-
0.80
-
pA/
√Hz
f = 1000Hz
-
0.75
-
-
0.75
-
pA/
√Hz
f = 10kHz
-
0.72
-
-
0.72
-
pA/
√Hz
f = 100kHz
-
0.60
-
-
0.60
-
pA/
√Hz
Common-Mode Input Voltage
Range
VICR
-12
-13.5
to 11.5
10
-12
-13.5
to 11.5
10
V
Common-Mode Rejection Ratio
VCM = VICR
CMRR
100
110
-
110
115
-
dB
-
3.16
10
-
1.78
3.16
µV/V
Power Supply Rejection Ratio
∆VIO/∆V±
PSRR
100
130
-
100
130
-
dB
-
0.316
10
-
0.316
10
µV/V
Maximum Output Voltage Swing RL ≥ 2kΩ
VOM
±13.0
±13.5
-
±13.0
±13.5
-
V
Large-Signal Voltage Gain
(VO = ±10)
RL ≥ 2kΩ
AOL
100
110
-
110
115
-
dB
RL ≥ 10kΩ
-
115
-
-
125
-
dB
CA3193, CA3193A


同様の部品番号 - CA3193

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3194 INTERSIL-CA3194 Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
CA3194E INTERSIL-CA3194E Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
More results

同様の説明 - CA3193

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Linear Dimensions Semic...
LND-OP28 LINEAR_DIMENSIONS-LND-OP28 Datasheet
151Kb / 1P
   Dual 5A, 44V, BiCMOS Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com