データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3183M96 データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA3183M96
部品情報  High-Voltage Transistor Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3183M96 データシート(HTML) 4 Page - Intersil Corporation

  CA3183M96 Datasheet HTML 1Page - Intersil Corporation CA3183M96 Datasheet HTML 2Page - Intersil Corporation CA3183M96 Datasheet HTML 3Page - Intersil Corporation CA3183M96 Datasheet HTML 4Page - Intersil Corporation CA3183M96 Datasheet HTML 5Page - Intersil Corporation CA3183M96 Datasheet HTML 6Page - Intersil Corporation CA3183M96 Datasheet HTML 7Page - Intersil Corporation CA3183M96 Datasheet HTML 8Page - Intersil Corporation CA3183M96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Collector-Cutoff Current
ICBO
VCB = 10V, IE = 0
20
-
-
1
-
-
1
µA
DC Forward-Current
Transfer Ratio
hFE
VCE = 3V, IC = 10mA
21, 22
40
-
-
40
-
-
-
VCE = 5V, IC = 50mA
-
40
-
-
40
-
-
-
Base-to-Emitter Voltage
VBE
VCE = 3V, IC = 10mA
23
0.65
0.75
0.85
0.65
0.75
0.85
V
Collector-to-Emitter
Saturation Voltage
VCE SAT
(Note 3)
IC = 50mA, IB = 5mA
24
-
1.7
3.0
-
1.7
3.0
V
FOR TRANSISTORS Q1 AND Q2 (AS A DIFFERENTIAL AMPLIFIER)
Absolute Input Offset
Voltage
|VIO|VCE = 3V, IC = 1mA
25
-
0.47
5
-
0.47
5
mV
Absolute Input Offset
Current
|IIO|VCE = 3V, IC = 1mA
26
-
0.78
2.5
-
0.78
2.5
µA
Electrical Specifications
CA3183 Series (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
PERF.
CURVE
FIG. NO.
CA3183
CA3183A
UNITS
TA = 25
oC
MIN
TYP
MAX
MIN
TYP
MAX
Typical Performance Curves DC Characteristics - CA3146 Series
FIGURE 1. ICEO vs TEMPERATURE FOR ANY TRANSISTOR
FIGURE 2. ICBO vs TEMPERATURE FOR ANY TRANSISTOR
FIGURE 3. hFE vs IC FOR ANY TRANSISTOR
FIGURE 4. VBE vs TEMPERATURE FOR ANY TRANSISTOR
102
10-1
10
1
10-2
10-3
0
25
50
75
100
125
TEMPERATURE (oC)
IB = 0
VCE = 5V
103
VCE = 10V
102
10-4
10
1
10-1
10-2
10-3
0
25
50
75
100
125
TEMPERATURE (oC)
IE = 0
VCB = 10
VCB = 5
VCB = 15
140
120
100
80
60
40
0.01
1
10
COLLECTOR CURRENT (mA)
20
TA = 125
oC
160
0.1
25oC
-55oC
VCE = 5V
IE = 3mA
IE = 1mA
TEMPERATURE (oC)
0.9
0.8
0.7
0.6
0.5
0.4
-75
VCE = 5V
-50
-25
0
25
50
75
100
125
CA3146, CA3146A, CA3183, CA3183A


同様の部品番号 - CA3183M96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3183M96 INTERSIL-CA3183M96 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

同様の説明 - CA3183M96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com