データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3256 データシート(PDF) 6 Page - Harris Corporation

部品番号 CA3256
部品情報  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256 データシート(HTML) 6 Page - Harris Corporation

Back Button CA3256 Datasheet HTML 2Page - Harris Corporation CA3256 Datasheet HTML 3Page - Harris Corporation CA3256 Datasheet HTML 4Page - Harris Corporation CA3256 Datasheet HTML 5Page - Harris Corporation CA3256 Datasheet HTML 6Page - Harris Corporation CA3256 Datasheet HTML 7Page - Harris Corporation CA3256 Datasheet HTML 8Page - Harris Corporation CA3256 Datasheet HTML 9Page - Harris Corporation CA3256 Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
8-6
buffer amplifier. The T-switch, together with the input
impedance of the buffer, is typically 10k
Ω, and has an inser-
tion loss of approximately 0.8dB. The T-switch was designed
to handle up to 3VP-P input signal with low distortion. The
T-switches of the CA3256 conform to a break-before-make
format; hence, shorting to ground is eliminated.
The amplifier is programmable for gain and, typically, can
provide a gain of 1 into a 75
Ω load or a gain of 5 into a 1kΩ
load. The maximum output signal swing with linearity is
greater than 5VP-P for (V+ to V-) greater than or equal to
12V, while the maximum output current is approximately
20mA. The amplifier has base-current compensation to
reduce offset and a temperature compensated 5V zener ref-
erenced bias. Other features include LED-selector indicators
for channels 1 through 4. The fifth channel is independently
selectable for use as a separate input or output in parallel
with any on channel, and may be used as a monitor, or for
pass-through, signal summing, or parallel distribution.
In the application, the user has the option to specify V- = -5V
for the switch and a ground reference for the amplifier input
and output. Alternatively, the CA3256 may be used with a
single +12V supply. The logic select for channels 1 through 4
is controlled by the A, B and Inhibit lines with ground to V+
logic switching. The logic threshold is approximately
(V+ - V-)/2 referenced to ground. DC coupling may also be
used at the output (when V- is returned to a -5V supply). For
the circuit of Figure 3, AC coupling is used at the output and
input. The switching bias arrangement shown provides for
stable bias across each switch when in the off position to
minimize transients when the input is switched.
Typical Applications
TG-1
10K
V- +5V
BIAS
8
-5V
V-
+7V TO +12V
V+
100K
100K
AB
ENABLE
CHANNEL
1-4
4.7K
4.7K
4.7K
GND
1K
10K
LED INDICATOR CHANNEL 4
LED INDICATOR CHANNEL 3
LED INDICATOR CHANNEL 2
LED INDICATOR CHANNEL 1
AMPLIFIER
TO CABLE
OUTPUT
OUTPUT
AMP
14
5
CHANNEL 1
INPUT
CHANNEL 5
INPUT/
OUTPUT
2 OF 5
INPUTS
SHOWN
TG-2
TG-3
VLED
75
4.7K
C
SELECT
CHANNEL
5
WHERE AMPLIFIER GAIN:
RF = 9kΩ
i.e., FOR AV = 1.8
REG
5
14
+
9
15
1
-
RF
75
12
2
3
17
1
3
TG-4
LLC
ENABLE
AND
CHAN 1-4
SELECT
4
TG-5
13
6
16
18
7
4
2
A
V
1
R
F
1K
+
10K
----------------------
+
x0.9
=
11
10
SELECT
CHANNEL
1-4
100K
OUT
FIGURE 2. TYPICAL APPLICATION WITH DIRECT-COUPLED OUTPUT AND V- = -5V (DIP PINOUT)
CA3256


同様の部品番号 - CA3256

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

同様の説明 - CA3256

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com